Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-2604 Datasheet(PDF) 20 Page - BOSER Technology Co., Ltd

Part # HS-2604
Description  EDEN Embedded Engine Board
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-2604 Datasheet(HTML) 20 Page - BOSER Technology Co., Ltd

Back Button HS-2604 Datasheet HTML 16Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 17Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 18Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 19Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 20Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 21Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 22Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 23Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 24Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
14
3.9
PCI E-IDE Drive Connector
CN23 is a standard 44-pin 2.0mm pitch connector daisy-chain driver
connector serves the PCI E-IDE drive provisions onboard the HS-2604.
A maximum of two ATA/33/66/100 IDE drives can connect to the
HS-2604 via CN23.
CN23: IDE Connector
PIN
Description
PIN
Description
1
Reset
2
GND
3
DATA 7
4
DATA 8
5
DATA 6
6
DATA 9
7
DATA 5
8
DATA 10
9
DATA 4
10
DATA 11
11
DATA 3
12
DATA 12
13
DATA 2
14
DATA 13
15
DATA 1
16
DATA 14
17
DATA 0
18
DATA 15
19
GND
20
N/C
21
PDREQ
22
GND
23
IOW#
24
GND
25
IOR#
26
GND
27
PIORDY
28
PR1PD1-
29
RPDACK-
30
GND
31
Interrupt
32
N/C
33
RPDA1-
34
PATA66
35
RPDA0-
36
RPDA2-
37
RPCS1-
38
RPCS3-
39
HDD Active LED
40
GND
41
VCC
42
VCC
43
GND
44
N/C
1
2
44
43


Similar Part No. - HS-2604

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS-2604 ETC-HS-2604 Datasheet
290Kb / 1P
   EMBEDDED ENGINE BOARD
More results

Similar Description - HS-2604

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-2608 BOSER-HS-2608_1 Datasheet
1Mb / 82P
   Eden Embedded Engine Board
HS-2605 BOSER-HS-2605_1 Datasheet
3Mb / 82P
   EDEN Embedded Engine Board
HS-2606 BOSER-HS-2606_1 Datasheet
5Mb / 74P
   Eden Embedded Engine Board
HS-2607 BOSER-HS-2607_1 Datasheet
5Mb / 72P
   Eden processor Embedded Engine Board
HS-4610 BOSER-HS-4610 Datasheet
100Kb / 1P
   VIA C7 or V4 Eden processor Embedded Engine Board w/CF
logo
List of Unclassifed Man...
HS-2604 ETC-HS-2604 Datasheet
290Kb / 1P
   EMBEDDED ENGINE BOARD
logo
BOSER Technology Co., L...
HS-2605 BOSER-HS-2605 Datasheet
444Kb / 1P
   Eden processor Embedded Engine Board with CF, CRT/Panel, TV-Out, LAN, Audio
HS-4701 BOSER-HS-4701 Datasheet
3Mb / 64P
   Pentium짰 4 Embedded Engine Board
HS-2607 BOSER-HS-2607 Datasheet
155Kb / 1P
   Eden processor Embedded Engine Board with CF, CRT/Panel, TV-Out, Dual LAN, Audio, USB2.0
logo
List of Unclassifed Man...
HS-2603 ETC-HS-2603 Datasheet
308Kb / 1P
   Cyrix Geode GX1 Embedded Engine Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com