Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM08B-P3S-020-CF Datasheet(PDF) 2 Page - DDK Ltd.

Part # CM08B-P3S-020-CF
Description  M8 Sized & Sealed Circular Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM08B-P3S-020-CF Datasheet(HTML) 2 Page - DDK Ltd.

  CM08B-P3S-020-CF Datasheet HTML 1Page - DDK Ltd. CM08B-P3S-020-CF Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit:mm
http://www.ddknet.co.jp
CM08 Series
2
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
○Plug Single-Ended Cable Assemblies
○Jack Single-Ended Cable Assemblies
○Plug and Jack Double-Ended Cable Assemblies
○Plug Double-Ended Cable Assemblies
○Jack Double-Ended Cable Assemblies
L
3 Contacts
4 Contacts
0.5m
CM08-P3S-005-CF
CM08-P4S-005-CF
1.0m
CM08-P3S-010-CF
CM08-P4S-010-CF
2.0m
CM08-P3S-020-CF
CM08-P4S-020-CF
3.0m
CM08-P3S-030-CF
CM08-P4S-030-CF
5.0m
CM08-P3S-050-CF
CM08-P4S-050-CF
31.4
L
L
3 Contacts
4 Contacts
0.5m
CM08-J3P-005-CF
CM08-J4P-005-CF
1.0m
CM08-J3P-010-CF
CM08-J4P-010-CF
2.0m
CM08-J3P-020-CF
CM08-J4P-020-CF
3.0m
CM08-J3P-030-CF
CM08-J4P-030-CF
5.0m
CM08-J3P-050-CF
CM08-J4P-050-CF
32
L
M8X1
M8X1
31.4
L
32
L 
3 Contacts
4 Contacts
1.0m
CM08A-P3S-010-CF
CM08A-P4S-010-CF
2.0m
CM08A-P3S-020-CF
CM08A-P4S-020-CF
3.0m
CM08A-P3S-030-CF
CM08A-P4S-030-CF
5.0m
CM08A-P3S-050-CF
CM08A-P4S-050-CF
31.4
L
31.4
L
3 Contacts
4 Contacts
1.0m
CM08B-P3S-010-CF
CM08B-P4S-010-CF
2.0m
CM08B-P3S-020-CF
CM08B-P4S-020-CF
3.0m
CM08B-P3S-030-CF
CM08B-P4S-030-CF
5.0m
CM08B-P3S-050-CF
CM08B-P4S-050-CF
32
L
32
M8X1
M8X1
L
3 Contacts
4 Contacts
1.0m
CM08C-J3P-010-CF
CM08C-J4P-010-CF
2.0m
CM08C-J3P-020-CF
CM08C-J4P-020-CF
3.0m
CM08C-J3P-030-CF
CM08C-J4P-030-CF
5.0m
CM08C-J3P-050-CF
CM08C-J4P-050-CF
・A plug connector with socket contacts and a jack connector with pin contacts
・Jack connector with pin contacts
・Plug connector with socket contacts
・Jack connectors with pin contacts on both ends
・Plug connectors with socket contacts on both ends


Similar Part No. - CM08B-P3S-020-CF

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CM0805C161R-10 LSTD-CM0805C161R-10 Datasheet
141Kb / 1P
   this print is the property of laird tech
CM0805C221R-10 LSTD-CM0805C221R-10 Datasheet
139Kb / 1P
   this print is the property of laird tech
CM0805D900R-10 LSTD-CM0805D900R-10 Datasheet
141Kb / 1P
   this print is the property of laird tech
logo
Taiyo Yuden (U.S.A.), I...
CM08RA17 TAIYO-YUDEN-CM08RA17 Datasheet
142Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM08RA20 TAIYO-YUDEN-CM08RA20 Datasheet
142Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
More results

Similar Description - CM08B-P3S-020-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM02B DDK-CM02B_1 Datasheet
311Kb / 5P
   M12 Sized & Sealed Circular Connector
CM02BA-8DP4S-010 DDK-CM02BA-8DP4S-010 Datasheet
751Kb / 5P
   M12 Sized & Sealed Circular Connector
CM04T DDK-CM04T Datasheet
179Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM09 DDK-CM09 Datasheet
200Kb / 3P
   One-Touch Locking Style Small Sized Circular Connectors
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
   One-Touch Locking Style Small Sized Circular Connectors
CM10 DDK-CM10 Datasheet
334Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
   One-Touch Locking Styled , Small Sized Circular Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com