Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T15V2M16B-70CI Datasheet(PDF) 11 Page - Taiwan Memory Technology

Part # T15V2M16B-70CI
Description  128K X 16 LOW POWER CMOS STATIC RAM?
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15V2M16B-70CI Datasheet(HTML) 11 Page - Taiwan Memory Technology

Back Button T15V2M16B-70CI Datasheet HTML 4Page - Taiwan Memory Technology T15V2M16B-70CI Datasheet HTML 5Page - Taiwan Memory Technology T15V2M16B-70CI Datasheet HTML 6Page - Taiwan Memory Technology T15V2M16B-70CI Datasheet HTML 7Page - Taiwan Memory Technology T15V2M16B-70CI Datasheet HTML 8Page - Taiwan Memory Technology T15V2M16B-70CI Datasheet HTML 9Page - Taiwan Memory Technology T15V2M16B-70CI Datasheet HTML 10Page - Taiwan Memory Technology T15V2M16B-70CI Datasheet HTML 11Page - Taiwan Memory Technology T15V2M16B-70CI Datasheet HTML 12Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TE
CH
tm
T15V2M16B
TM Technology Inc. reserves the right
P. 11
Publication Date: NOV. 2002
to change products or specifications without notice.
Revision:A
PACKAGE DIMENSIONS
44-LEAD TSOP-II
SEATING PLANE
INDEX MARK
Mirror finish
22
23
44
EE1
D
b1
b
e
c
E2
A
A2
A1
L1
L
A3
£c
c1
Dimension in mm
Dimension in inch
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
1.20
-
-
0.047
A1
0.05
-
0.1
0.002
-
0.004
A2
0.95
1.00
1.05
0.037
0.039
0.041
A3
-
0.25
-
-
0.010
-
b
-
0.35(typ)
-
-
0.014(typ)
-
b1
0.10
0. 15
0.25
0.004
0.006
0.010
c
-
0.805
-
-
0.032
-
c1
-
0.10
-
-
0.004
-
D
18.31
18.41
18.51
0.721
0.725
0.729
e
-
0.80(typ)
-
-
0.031(typ)
-
E
11.56
11.76
11.96
0.455
0.463
0.471
E1
10.03
10.16
10.29
0.394
0.400
0.405
E2
-
10.76
-
-
0.458
-
L
0.4
0.5
0.6
0.016
0.020
0.024
L1
-
0.8(typ)
-
-
0.032(typ)
-
θ
0
-
8
0
-
8


Similar Part No. - T15V2M16B-70CI

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15V2M08A TMT-T15V2M08A Datasheet
83Kb / 12P
   256K X 8 LOW POWER CMOS STATIC RAM
T15V2M08A-100C TMT-T15V2M08A-100C Datasheet
83Kb / 12P
   256K X 8 LOW POWER CMOS STATIC RAM
T15V2M08A-55H TMT-T15V2M08A-55H Datasheet
83Kb / 12P
   256K X 8 LOW POWER CMOS STATIC RAM
T15V2M08A-70P TMT-T15V2M08A-70P Datasheet
83Kb / 12P
   256K X 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - T15V2M16B-70CI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
62LV12816 ISSI-62LV12816 Datasheet
83Kb / 9P
   128K x 16 CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62LV12816L ICSI-IC62LV12816L Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com