Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T15N1M16A-70JI Datasheet(PDF) 5 Page - Taiwan Memory Technology

Part # T15N1M16A-70JI
Description  64K X 16 LOW POWER CMOS STATIC RAM?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15N1M16A-70JI Datasheet(HTML) 5 Page - Taiwan Memory Technology

  T15N1M16A-70JI Datasheet HTML 1Page - Taiwan Memory Technology T15N1M16A-70JI Datasheet HTML 2Page - Taiwan Memory Technology T15N1M16A-70JI Datasheet HTML 3Page - Taiwan Memory Technology T15N1M16A-70JI Datasheet HTML 4Page - Taiwan Memory Technology T15N1M16A-70JI Datasheet HTML 5Page - Taiwan Memory Technology T15N1M16A-70JI Datasheet HTML 6Page - Taiwan Memory Technology T15N1M16A-70JI Datasheet HTML 7Page - Taiwan Memory Technology T15N1M16A-70JI Datasheet HTML 8Page - Taiwan Memory Technology T15N1M16A-70JI Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TE
CH
tm
T15N1M16A
TM Technology Inc. reserves the right
P. 5
Publication Date: JUL . 2002
to change products or specifications without notice.
Revision: A
CAPACITANCE
(f = 1 MHz, Ta = 25
°C,)
PARAMETER
SYMBOL
CONDITION
MAX.
UNIT
Input Capacitance
C
IN
V
IN
= 0V
8
pF
Input/ Output Capacitance
C
I/O
V
IN
=
V
OUT = 0V
10
pF
Note: This parameter is guaranteed by device characterization and is not production tested.
AC TEST CONDITIONS
PARAMETER
CONDITIONS
Input Pulse Levels
0.4V to 2.0V
Input Rise and Fall Times
5.0 ns
Input and Output Timing Reference Level
1.4V
Output Load
C
L =30pF+1TTL Load
AC TEST LOADS AND WAVEFORM
DQ
Z
0
= 50 ohm
50 ohm
30 pF
V t =1.4V
Fig.A * Including Scope and Jig Capacitance
TTL
C
L
*
Fig.B O utput Load Equivalent
R
L
C
L


Similar Part No. - T15N1M16A-70JI

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
T15N1 EDAL-T15N1 Datasheet
83Kb / 1P
   T10A1
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15N1024A-100C TMT-T15N1024A-100C Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15N1024A-100CI TMT-T15N1024A-100CI Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15N1024A-100P TMT-T15N1024A-100P Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - T15N1M16A-70JI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62U6416LL ISSI-IS62U6416LL Datasheet
82Kb / 9P
   64K x 16 LOW VOLTAGE, ULTRA-LOW POWER CMOS STATIC RAM
IS62WV6416ALL ISSI-IS62WV6416ALL Datasheet
111Kb / 17P
   64K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com