Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T15M64A-100P Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part # T15M64A-100P
Description  8K X 8 LOW POWER CMOS STATIC RAM?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15M64A-100P Datasheet(HTML) 3 Page - Taiwan Memory Technology

  T15M64A-100P Datasheet HTML 1Page - Taiwan Memory Technology T15M64A-100P Datasheet HTML 2Page - Taiwan Memory Technology T15M64A-100P Datasheet HTML 3Page - Taiwan Memory Technology T15M64A-100P Datasheet HTML 4Page - Taiwan Memory Technology T15M64A-100P Datasheet HTML 5Page - Taiwan Memory Technology T15M64A-100P Datasheet HTML 6Page - Taiwan Memory Technology T15M64A-100P Datasheet HTML 7Page - Taiwan Memory Technology T15M64A-100P Datasheet HTML 8Page - Taiwan Memory Technology T15M64A-100P Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TE
CH
tm
Preliminary T15M64A
TM Technology Inc. reserves the right
P. 3
Publication Date: SEP. 2002
to change products or specifications without notice.
Revision:0.A
DC CHARACTERISTICS ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNIT
Supply Voltage to Vss Potential
-0.5 to + 7V
V
Inputs
to Vss Potential
-0.5 to Vcc +0.5
V
Power Dissipation
0.7
W
Storage Temperature
-60 to +150
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYM
MIN
TYP
MAX
UNIT
Supply Voltage
Vcc
4.5
5
5.5
V
Input Voltage, low
V
IL
-0.3
-
0.8
V
Input Voltage, high
V
IH
2.2
-
Vcc+0.3
V
Ambient Temperature
T
A
0
-
+70
°C
TRUTH TABLE
CS
OE
WE
MODE
I/O1- I/O8
Power
H
X
X
Not Selected
High-Z
Standby
L
H
H
Output Disable
High-Z
Active
L
L
H
Read
Data Out
Active
L
X
L
Write
Data In
Active
OPERATING CHARACTERISTICS
(Vcc = 5V / ± 10%, Vss = 0V, Ta = 0 ~ +70
°C)
PARAMETER
SYM.
TEST CONDITIONS
MIN.
TYP. MAX. UNIT
Input Leakage Current
I
LI
Vin=Vss to Vcc
-
-
1
uA
Output Leakage Current
I
LO
VI/O=Vss to Vcc , CS =VIH or
OE
=
V
IH
or WE =
VIL
-
-
1
uA
Output Low Voltage
V
OL
I
OL = + 2.1mA
-
-
0.4
V
Output High Voltage
V
OH
I
OH = - 1.0mA
2.4
-
-
V
-50
-
-
35
mA
-70
-
-
30
mA
-85
-
-
25
mA
Operating Power
Supply Current
Icc
CS =V
IL , I/O=0mA
Cycle = MIN.
Duty = 100%
-100
-
-
20
mA
I
SB
CS=V
IH , Cycle=min, Duty=100%
-
-
0.3
mA
Standby Power
Supply Current
I
SB1
CS
V
cc-0.2V
-
-
50
uA


Similar Part No. - T15M64A-100P

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
T15M1 EDAL-T15M1 Datasheet
83Kb / 1P
   T10A1
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A-100N TMT-T15M1024A-100N Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A-100N TMT-T15M1024A-100N Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - T15M64A-100P

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C164L PYRAMID-P4C164L Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
   8K x 8 Asynchronous CMOS Static RAM
May 2002
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
logo
Intersil Corporation
HM1-65642B-883 INTERSIL-HM1-65642B-883 Datasheet
273Kb / 11P
   8K x 8 Asynchronous CMOS Static RAM
HM-65642 INTERSIL-HM-65642 Datasheet
273Kb / 11P
   8K x 8 Asynchronous CMOS Static RAM
logo
Sharp Corporation
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com