Electronic Components Datasheet Search |
|
SSO-AD-230-TO52I Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH |
|
SSO-AD-230-TO52I Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH |
2 / 2 page Maximum Ratings: • max. electrical power dissipation 100 mW at 22°C • max. optical peak value, once 200 mW for 1 s • max. continous optical operation IPh (DC) ≤ 250 µA ≤ 1 mA for signal 50 µs "on" / 1 ms "out" • ( Pelectr. = Popt. * Sabs * M * UR ) Application hints: • Current limit is to be realized via protecting resistor or current limiting - IC inside the supply voltage. • Use of low noise read-out - IC. • For higher gain a regulation of bias voltage due to the temperature is to be realized. • For very small signals stray light (noise source) is to be excluded by filters in order to improve the signal-noise relation. • Avoid touching the window with fingers! • Careful cleaning with Ethyl alcohol possible. • Avoid use of pointed and scratching tools! Handling precautions: • Soldering temperature 260°C for max. 10 s. The device must be protected against solder flux vapour! • min. Pin - length 2mm • ESD - protection Only small danger for the device. Standard precautionary measures are sufficient. • Storage Store devices in conductive foam. 1999/07 SSO-AD 230 Ctot=f(UR) at f=100kHz 0 2 4 6 8 10 12 14 16 0 204060 80 100 UR (V) SSO - AD - serie Spectral Responsivity at M=1 0,000 0,100 0,200 0,300 0,400 0,500 0,600 400 500 600 700 800 900 1000 1100 Wavelength (nm) SSO - AD - serie Spectral Responsivity at M=100 0 10 20 30 40 50 60 400 500 600 700 800 900 1000 1100 Wavelength (nm) SSO - AD - serie quantum efficiency for M=1 0,00 0,10 0,20 0,30 0,40 0,50 0,60 0,70 0,80 0,90 1,00 400 480 560 640 720 800 880 960 1040 wavelength (nm) SSO-AD 230 dark current = f(UR) 0,01 0,1 1 10 100 1000 0 20406080 100 120 140 160 UR (V) SSO-AD 230 gain = f(UR/UBR) at λ = 880 nm 1,00 10,00 100,00 1000,00 10000,00 0,0 0,2 0,4 0,6 0,8 1,0 UR/UBR M Bias supply voltage min. 0,1 µF, closest to APD Current limiting resistor Read-out circuit or f.e. 50 Ω Load resistance Diode, protective circuit APD |
Similar Part No. - SSO-AD-230-TO52I |
|
Similar Description - SSO-AD-230-TO52I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |