Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400TO220 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # 400TO220
Description  UV-LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

400TO220 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  400TO220 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Device
400TO220
UV-LED
Dice Material
GaN
Light Color
UV
Package Dimensions:
Absolute Maximum Ratings at Ta = 25°C
Parameter
Max.
Unit
DC Forward Current
20
mA
Operation Temperature
Topr: -25 ~ +85
°C
Storage emperature
Topr: -25 ~ +100
°C
Reverse Voltage
5
V
Lead Soldering Temperature [1.6mm From Body] 260°C for 3 seconds
Electrical Optical Characteristics at Ta = 25°C
Description
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Spectral Line Half-Width
∆λ
-
5
-
nm
If = 20 mA
Forward Voltage
Vf
-
3.8
-
V
If = 20 mA
Reverse Current
Ir
-
-
10
µA
Vr = 5 V
Peak Emission Wavelength
λp
390
395
400
nm
If = 20 mA
Viewing Angle
2
θ1/2
60
°
If = 20 mA
Optical Power
Po
2.5
3.5
4.5
mW
If = 20 mA
Notes:
1. Soldering shall be performed after lead forming.
2. All dimensions are in millimeters.
3. Static electricity damages the LEDs. It is recommended to take full care when handling products.
ROITHNER LASERTECHNIK
A-1040 Vienna, Austria
Schönbrunner Straße 7
Tel.: +43-1-586 52 43 - 0
Fax.: +43-1-586 52 43 44
e-mail: office@roithner-laser.com
http://www.roithner-laser.com
anode +
cathode -
n.c.


Similar Part No. - 400TO220

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
400TXW100MEFC16X35 RUBYCON-400TXW100MEFC16X35 Datasheet
195Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400TXW100MEFC18X30 RUBYCON-400TXW100MEFC18X30 Datasheet
195Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400TXW180MEFC18X45 RUBYCON-400TXW180MEFC18X45 Datasheet
195Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 400TO220

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
XSL-365-TF ROITHNER-XSL-365-TF Datasheet
297Kb / 5P
   UV LED
VL410-5-15 ROITHNER-VL410-5-15 Datasheet
217Kb / 4P
   UV LED
logo
NICHIA CORPORATION
NCSU035C NICHIA-NCSU035C Datasheet
295Kb / 19P
   UV LED
NSHU550A NICHIA-NSHU550A Datasheet
286Kb / 14P
   UV LED
NSHU550B NICHIA-NSHU550B Datasheet
218Kb / 14P
   UV LED
logo
Roithner LaserTechnik G...
XSL-365-SD ROITHNER-XSL-365-SD Datasheet
395Kb / 5P
   UV LED
XSL-375-TB-5 ROITHNER-XSL-375-TB-5 Datasheet
287Kb / 5P
   UV LED
LED375 ROITHNER-LED375 Datasheet
907Kb / 8P
   UV LED
logo
NICHIA CORPORATION
NSSU100CT NICHIA-NSSU100CT_18 Datasheet
280Kb / 18P
   UV LED
NSSU123T NICHIA-NSSU123T_18 Datasheet
288Kb / 18P
   UV LED
NCSU275T-U375 NICHIA-NCSU275T-U375 Datasheet
299Kb / 18P
   UV LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com