Electronic Components Datasheet Search |
|
CE-18BA-S-D Datasheet(PDF) 6 Page - DDK Ltd. |
|
CE-18BA-S-D Datasheet(HTML) 6 Page - DDK Ltd. |
6 / 10 page Unit:mm http://www.ddknet.co.jp CE01 Series 6 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Your checking the latest specifications with our drawings would be highly appreciated. CE01-22BSL-D ① ② ③④ ⑤ ① Shell Size 18, 20, 22, 24 and 28 ② Part B : Backshell ③ Style S : Straight ④ Shell Type Omit : Standard Backshell L:Long Backshell ⑤ Finish D:Black Trivelent Chromium Treatment L 12.5 2.4 9.5min. 1.6 W Thread V Thread C (Gripping Surfaces for Wrench) Shell Size Part Number A B C V W L 18 CE01-18BS-D 29.3 19.5 26.73 1-20UNEF-2B 1-20UNEF-2A 50 20 CE01-20BS-D 33.8 24.5 31.6 1 1/8-18UNEF-2B 1 3/16-18UNEF-2A 50 22 CE01-22BS-D 35.3 24.5 32.4 1 1/4-18UNEF-2B 1 3/16-18UNEF-2A 50 CE01-22BSL-D 70 24 CE01-24BS-D 38.8 30.5 36.6 1 3/8-18UNEF-2B 1 7/16-18UNEF-2A 50 CE01-24BSL-D 70 28 CE01-28BS-D 44.8 30.5 40.0 1 5/8-18UNEF-2B 1 7/16-18UNEF-2A 50 CE01-28BSL-D 70 Note : Use the long backshell in the case of insert arrangements with the contact size #12 and #8. ○ Waterproof Angle Backshell ○ Straight Backshell CE-18BA-S-D ①② ③ ④⑤ ① Shell Size 18, 20, 22, 24 and 28 ② Part B:Backshell ③ Style A : Angle ④ Waterproof S : Waterproof ⑤ Finish D:Black Trivalent Chromium Treatment Shell Size Part Number L1 L2 C D R U (S) V W Y 18 CE-18BA-S-D 44.6 34.0 32.4 30.0 13.2 30.2 (43.4) 1-20UNEF-2B 1-20UNEF-2A 7.5 20 CE-20BA-S-D 50.5 39.6 36.0 33.6 15.0 33.3 (48.3) 1 1/8-18UNEF-2B 1 3/16-18UNEF-2A 7.5 22 CE-22BA-S-D 50.5 39.6 38.6 36.2 16.3 33.3 (49.6) 1 1/4-18UNEF-2B 1 3/16-18UNEF-2A 7.5 24 CE-24BA-S-D 60.1 47.9 42.4 40.0 18.2 36.5 (54.7) 1 3/8-18UNEF-2B 1 7/16-18UNEF-2A 7.5 28 CE-28BA-S-D 60.9 47.9 49.5 46.4 21.3 36.5 (57.8) 1 5/8-16UN-2B 1 7/16-18UNEF-2A 7.5 ・The waterproof angle backshell retains the cable when the conduit is not used. V Thread W Thread L1 max. L2 max. O Ring D 0.2 (Gripping Surfaces for Wrench) Aluminum Alloy/Black Trivalent Chromium Treatment MATERIAL / FINISH Aluminum Alloy/Black Trivalent Chromium Treatment MATERIAL / FINISH The straight backshell retains the cable when the conduit is not used. Two kinds of backshells in different length are availabe fo rthe shell size of 22, 24 and 28. Use the waterproof backshell with the waterproof cable clamp. |
Similar Part No. - CE-18BA-S-D |
|
Similar Description - CE-18BA-S-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |