Electronic Components Datasheet Search |
|
CE01-20BSL-DS Datasheet(PDF) 10 Page - DDK Ltd. |
|
CE01-20BSL-DS Datasheet(HTML) 10 Page - DDK Ltd. |
10 / 10 page Unit:mm http://www.ddknet.co.jp CE01 Series 10 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Your checking the latest specifications with our drawings would be highly appreciated. ○ Semi-Automatic Crimping Machine ○Contact(Crimp Type) Part Number Contact Type Applicable Cable(Twisted Wire) Package Pin Contact Socket Contact Press AWG# Sectional Area(mm2 ) Jacket Dia. Separate (100pcs/bag) CE01- # 20P-C2-100 CE01- # 20S-C2-100 # 26 ∼# 24 0.13 ∼ 0.2 φ 1.2 ∼φ 1.5 # 22 0.3 φ 1.4 ∼φ 1.7 CE01- # 20P-C1-100 CE01- # 20S-C1-100 # 22 ∼# 18 0.3 ∼ 0.75 φ 2.3 max. Reel (1,000pcs/reel) CE01- # 20P-C2-10000 CE01- # 20S-C2-10000 # 26 ∼# 24 0.13 ∼ 0.2 φ 1.2 ∼φ 1.5 # 22 0.3 φ 1.4 ∼φ 1.7 CE01- # 20P-C1-10000 CE01- # 20S-C1-10000 # 22 ∼# 18 0.3 ∼ 0.75 φ 2.3 max. Separate (100pcs/bag) CE01- # 16P-2024-100 CE01- # 16S-2024-100 # 24 ∼# 20 0.2 ∼ 0.5 φ 3.8 max. CE01- # 16P-1620-100 CE01- # 16S-1620-100 # 20 ∼# 16 0.5 ∼ 1.25 CE01- # 16P-1416-100 CE01- # 16S-1416-100 # 14 2.0 Reel (3,500pcs/reel) CE01- # 16P-2024-3500 CE01- # 16S-2024-3500 # 24 ∼# 20 0.2 ∼ 0.5 CE01- # 16P-1620-3500 CE01- # 16S-1620-3500 # 20 ∼# 16 0.5 ∼ 1.25 CE01- # 16P-1416-3500 CE01- # 16S-1416-3500 # 14 2.0 Separate (10pcs/bag) CE01- # 12P-C1M-10 CE01- # 12S-C1M-10 Machine # 16 ∼# 12 1.25 ∼ 3.5 φ 4.65 max. CE01- # 08P-C2M-10 CE01- # 08S-C2M-10 # 12 ∼# 10 3.5 ∼ 5.5 φ 7.25 max. CE01- # 08P-C1M-10 CE01- # 08S-C1M-10 # 10 ∼# 8 5.5 ∼ 8 Contact Part Number Applicable Cable Tool Kit Part Number Crimping Tool Locator Stopper Inspection Gauge Extraction Tool AWG # Sectional area CE01- # 08P-C1M CE01- # 08S-C1M 8 ∼ 10 5.5 ∼ 8.0mm2 357J-12605 (Note1) 357J-12606 357J-12607 357J-12724 357J-12609 CE01- # 08P-C2M CE01- # 08S-C2M 10 ∼ 12 3.5 ∼ 5.5mm2 357J-12608 357J-12612 CE01- # 12P-C1M CE01- # 12S-C1M 12 ∼ 16 1.25 ∼ 3.5mm2 357J-12725 (Note2) 357J-12610 357J-12611 357J-12723 (Note3) CE01- # 16P-1416 CE01- # 16S-1416 14 2.0mm2 357J-13426 357J-12615 CE01- # 16P-1620 CE01- # 16S-1620 16 ∼ 20 0.5 ∼ 1.25mm2 357J-13411 CE01- # 16P-2024 CE01- # 16S-2024 20 ∼ 24 0.2 ∼ 0.5mm2 357J-13412 CE01- # 20P-C1 CE01- # 20S-C1 18 ∼ 22 0.3 ∼ 0.75mm2 357J-13413 357J-13979 CE01- # 20P-C2 CE01- # 20S-C2 22 ∼ 26 0.15 ∼ 0.3mm2 357J-13414 Note 1 : 357J-12605 is a tool kit part number which includes the crimping tool, 357J-12606, 357J-12607, 357J-12608 and 357J-12724. The crimping tool can not be sold alone separately. Note 2 : 357J-12725 is a tool kit part number which includes the crimping tool, the locator and the inspection gauge. Note 3 : 357J-12723 is a part number which contains 3 pieces of the inspection gauges. Note 4 : The tool instruction manuals are available. Contact the nearest sales office or distributor. ■ Note 1. #20 contacts are quite smaller in outer diameter than #16 contacts. Insert #20 contacts into the insert with care so as not to damage or deform the contacts. 2. Make sure that all contacts remain fixed in the insert completely. Around the last 2 or 3 pieces of contacts should be taken care in particular for a larger number of the contact arrangements. It is relatively harder to insert the contacts after installing a large number of contacts into the insert since there are many wires on the wiring side. 3. Use the mating half of CE01 series pin contacts when you test the electrical continuity of the socket contacts. In case of mating the other conductors such like a clip it causes the troubles of electrical continuity, contact retaining force or contact surface damage. Contact Part Number Stripper / Crimper Crimping Machine Kit Press Applicator Kit Press Applicator CE01- # 16P-1416 CE01- # 16S-1416 AP-A13607 CMP-300S AP-A13607-1 CE01- # 16P-1620 CE01- # 16S-1620 AP-A11215 SCM-300S AP-A11215-1 AP-A11216 CMP-300S AP-A11216-1 CE01- # 16P-2024 CE01- # 16S-2024 AP-A13608 SCM-300S AP-A13608-1 AP-A13609 CMP-300S AP-A13609-1 CE01- # 20P-C1 CE01- # 20S-C1 AP-A13610 SCM-300S AP-A13610-1 AP-A13611 CMP-200S-CB AP-A13611-1 CE01- # 20P-C2 CE01- # 20S-C2 AP-A13612 SCM-300S AP-A13612-1 AP-A13614 CMP-200S-CB AP-A13614-1 ○ Hand Crimping Tools |
Similar Part No. - CE01-20BSL-DS |
|
Similar Description - CE01-20BSL-DS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |