Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T15M64A-100N Datasheet(PDF) 6 Page - Taiwan Memory Technology

Part # T15M64A-100N
Description  8K X 8 LOW POWER CMOS STATIC RAM?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15M64A-100N Datasheet(HTML) 6 Page - Taiwan Memory Technology

Back Button T15M64A-100N Datasheet HTML 2Page - Taiwan Memory Technology T15M64A-100N Datasheet HTML 3Page - Taiwan Memory Technology T15M64A-100N Datasheet HTML 4Page - Taiwan Memory Technology T15M64A-100N Datasheet HTML 5Page - Taiwan Memory Technology T15M64A-100N Datasheet HTML 6Page - Taiwan Memory Technology T15M64A-100N Datasheet HTML 7Page - Taiwan Memory Technology T15M64A-100N Datasheet HTML 8Page - Taiwan Memory Technology T15M64A-100N Datasheet HTML 9Page - Taiwan Memory Technology T15M64A-100N Datasheet HTML 10Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TE
CH
tm
Preliminary T15M64A
TM Technology Inc. reserves the right
P. 6
Publication Date: SEP. 2002
to change products or specifications without notice.
Revision:0.A
DATA RETENTION CHARACTERISTICS
Item
Symbol
Test Condition
Min
Typ
max
unit
Vcc for data retention
VDR
CS
≥≥≥≥ Vcc-0.2V
1.5
-
-
V
Data retention current
IDR
Vcc=5.0, CS
≥≥≥ Vcc-0.2V
-
50
uA
Data retention set-up time
tCDR
0
-
-
Recovery time
tR
See data retention waveform
5
-
-
ms
DATA RETENTION WAVE FORM
D ata Retention M ode
V
DR
> 1.5V
V cc_typ
t
CD R
VCC
CS
V
IH
CS >V C C-0.2V
V
IH
Vcc_TYP
t
R


Similar Part No. - T15M64A-100N

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
T15M1 EDAL-T15M1 Datasheet
83Kb / 1P
   T10A1
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A-100N TMT-T15M1024A-100N Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A-100N TMT-T15M1024A-100N Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - T15M64A-100N

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C164L PYRAMID-P4C164L Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
   8K x 8 Asynchronous CMOS Static RAM
May 2002
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
logo
Intersil Corporation
HM1-65642B-883 INTERSIL-HM1-65642B-883 Datasheet
273Kb / 11P
   8K x 8 Asynchronous CMOS Static RAM
HM-65642 INTERSIL-HM-65642 Datasheet
273Kb / 11P
   8K x 8 Asynchronous CMOS Static RAM
logo
Sharp Corporation
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com