Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP803CN Datasheet(PDF) 6 Page - Roithner LaserTechnik GmbH

Part # HP803CN
Description  3W Emitter Power LED Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

HP803CN Datasheet(HTML) 6 Page - Roithner LaserTechnik GmbH

  HP803CN Datasheet HTML 1Page - Roithner LaserTechnik GmbH HP803CN Datasheet HTML 2Page - Roithner LaserTechnik GmbH HP803CN Datasheet HTML 3Page - Roithner LaserTechnik GmbH HP803CN Datasheet HTML 4Page - Roithner LaserTechnik GmbH HP803CN Datasheet HTML 5Page - Roithner LaserTechnik GmbH HP803CN Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ROITHNER LASERTECHNIK, A-1040 Vienna, Austria, Wiedner Hauptstrasse 76, Top 9/1
Tel.: +43-1-586 52 43 - 0, Fax.: +43-1-586 52 43 44
e-mail: office@roithner-laser.com
http://www.roithner-laser.com
Reliability Test Items and Conditions
No.
Item
Test Conditions
Test time
Ac⁄Re
1
Solder Heat
260±5C
5 sec
0⁄1
-40C
25C
105C
25C
2
Temperature Cycle
30 min
5 min
30 min
5 min
100cycle
0⁄1
-40C
105C
3
Thermal Shock
5 min
5 min
20 cycle
0⁄1
4
High Temperature Storage
85C
1000 hrs
0⁄1
5
Low Temperature Storage
-35C
1000 hrs
0⁄1
6
DC Operating Life
IF 700mA
1000 hrs
0⁄1
7
High Temperature⁄High Humidity
Ta 60CR.H 90.
1000 hrs
0⁄1
Forward Voltage Vf
Vfmax Increase <1.2x
Reverse Current IR
IR max Increase <2x
Judgment Criteria
Luminous Intensity Flux
Iv Decay < 50%
NoteMeasurement shall be taken after the tested samples have been returned to normal ambient conditions.
Soldering heat reliability DIP Please refer to the following figure
Soldering heat 260¢JMax.
¢J
Preheat
245
¡Ó
5¢Jwithin 5 sec


Similar Part No. - HP803CN

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HP8481A HP-HP8481A Datasheet
235Kb / 5P
   POWER SENSOR
HP8482A HP-HP8482A Datasheet
235Kb / 5P
   POWER SENSOR
HP8483A HP-HP8483A Datasheet
235Kb / 5P
   POWER SENSOR
HP8656 HP-HP8656 Datasheet
906Kb / 20P
   ECONOMICAL SYNTHESIZED SIGNAL GENERATORS ANALOG AND DIGITAL MODULATION
HP8656B HP-HP8656B Datasheet
906Kb / 20P
   ECONOMICAL SYNTHESIZED SIGNAL GENERATORS ANALOG AND DIGITAL MODULATION
More results

Similar Description - HP803CN

ManufacturerPart #DatasheetDescription
logo
Elite Enterprises (H.K....
PM2A-3LXX-SD ELITE-PM2A-3LXX-SD Datasheet
598Kb / 20P
   3W Power LED
PG1C-3LXX-SD ELITE-PG1C-3LXX-SD Datasheet
1Mb / 22P
   3W Power LED
PM2L-3LXE-SD ELITE-PM2L-3LXE-SD Datasheet
1Mb / 20P
   3W Power LED
PR2N-3LXE-SD ELITE-PR2N-3LXE-SD Datasheet
1Mb / 21P
   3W Power LED
logo
Roithner LaserTechnik G...
R-HP803XX ROITHNER-R-HP803XX Datasheet
192Kb / 6P
   3W Rectangular Power LED Series
logo
Elite Enterprises (H.K....
PM2B-3LXE-SD ELITE-PM2B-3LXE-SD Datasheet
1Mb / 21P
   3W Power LED
logo
Roithner LaserTechnik G...
H-HP803-XX ROITHNER-H-HP803-XX Datasheet
196Kb / 6P
   3W Hexagon Power LED Series
logo
DB Lectro Inc
BTP3-99XXCG-XX-X DBLECTRO-BTP3-99XXCG-XX-X Datasheet
372Kb / 10P
   ProLite 3W SMD Emitter
logo
LIGITEK electronics co....
LGLV-313E1 LIGITEK-LGLV-313E1 Datasheet
195Kb / 13P
   3W Power Light LED
LGLW-313E LIGITEK-LGLW-313E Datasheet
197Kb / 13P
   3W Power Light LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com