Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE01-6A24-14SCX-D0 Datasheet(PDF) 6 Page - DDK Ltd.

Part # CE01-6A24-14SCX-D0
Description  Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE01-6A24-14SCX-D0 Datasheet(HTML) 6 Page - DDK Ltd.

Back Button CE01-6A24-14SCX-D0 Datasheet HTML 2Page - DDK Ltd. CE01-6A24-14SCX-D0 Datasheet HTML 3Page - DDK Ltd. CE01-6A24-14SCX-D0 Datasheet HTML 4Page - DDK Ltd. CE01-6A24-14SCX-D0 Datasheet HTML 5Page - DDK Ltd. CE01-6A24-14SCX-D0 Datasheet HTML 6Page - DDK Ltd. CE01-6A24-14SCX-D0 Datasheet HTML 7Page - DDK Ltd. CE01-6A24-14SCX-D0 Datasheet HTML 8Page - DDK Ltd. CE01-6A24-14SCX-D0 Datasheet HTML 9Page - DDK Ltd. CE01-6A24-14SCX-D0 Datasheet HTML 10Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Unit:mm
http://www.ddknet.co.jp
CE01 Series
6
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
CE01-22BSL-D
① ② ③④ ⑤
① Shell Size
18, 20, 22, 24 and 28
② Part
B : Backshell
③ Style
S : Straight
④ Shell Type
Omit : Standard Backshell
L:Long Backshell
⑤ Finish
D:Black Trivelent Chromium Treatment
L
12.5
2.4
9.5min.
1.6
W Thread
V Thread
(Gripping Surfaces for Wrench)
Shell
Size
Part Number
A
B
C
V
W
L
18
CE01-18BS-D
29.3
19.5
26.73
1-20UNEF-2B
1-20UNEF-2A
50
20
CE01-20BS-D
33.8
24.5
31.6
1 1/8-18UNEF-2B
1 3/16-18UNEF-2A
50
22
CE01-22BS-D
35.3
24.5
32.4
1 1/4-18UNEF-2B
1 3/16-18UNEF-2A
50
CE01-22BSL-D
70
24
CE01-24BS-D
38.8
30.5
36.6
1 3/8-18UNEF-2B
1 7/16-18UNEF-2A
50
CE01-24BSL-D
70
28
CE01-28BS-D
44.8
30.5
40.0
1 5/8-18UNEF-2B
1 7/16-18UNEF-2A
50
CE01-28BSL-D
70
Note : Use the long backshell in the case of insert arrangements with the contact size #12 and #8.
○ Waterproof Angle Backshell
○ Straight Backshell
CE-18BA-S-D
①② ③ ④⑤
① Shell Size
18, 20, 22, 24 and 28
② Part
B:Backshell
③ Style
A : Angle
④ Waterproof
S : Waterproof
⑤ Finish
D:Black Trivalent Chromium Treatment
Shell Size
Part Number
L1
L2
C
D
R
U
(S)
V
W
Y
18
CE-18BA-S-D
44.6
34.0
32.4
30.0
13.2
30.2
(43.4)
1-20UNEF-2B
1-20UNEF-2A
7.5
20
CE-20BA-S-D
50.5
39.6
36.0
33.6
15.0
33.3
(48.3)
1 1/8-18UNEF-2B
1 3/16-18UNEF-2A
7.5
22
CE-22BA-S-D
50.5
39.6
38.6
36.2
16.3
33.3
(49.6)
1 1/4-18UNEF-2B
1 3/16-18UNEF-2A
7.5
24
CE-24BA-S-D
60.1
47.9
42.4
40.0
18.2
36.5
(54.7)
1 3/8-18UNEF-2B
1 7/16-18UNEF-2A
7.5
28
CE-28BA-S-D
60.9
47.9
49.5
46.4
21.3
36.5
(57.8)
1 5/8-16UN-2B
1 7/16-18UNEF-2A
7.5
・The waterproof angle backshell retains the cable when the conduit is not used.
V Thread
W Thread
L1 max.
L2 max.
O Ring
0.2
(Gripping Surfaces for Wrench)
Aluminum Alloy/Black Trivalent Chromium Treatment
MATERIAL / FINISH
Aluminum Alloy/Black Trivalent Chromium Treatment
MATERIAL / FINISH
The straight backshell retains the cable when the conduit is not used.
Two kinds of backshells in different length are availabe fo rthe shell
size of 22, 24 and 28.
Use the waterproof backshell with the waterproof cable clamp.


Similar Part No. - CE01-6A24-14SCX-D0

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE01-6A24-14SCX-D0 DDK-CE01-6A24-14SCX-D0 Datasheet
906Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
More results

Similar Description - CE01-6A24-14SCX-D0

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE01-1A22-22PCW-D0 DDK-CE01-1A22-22PCW-D0 Datasheet
898Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE01-1A18-14PCW-D0 DDK-CE01-1A18-14PCW-D0 Datasheet
906Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
C&K Components
MDMA CK-COMPONENTS-MDMA Datasheet
3Mb / 8P
   Microminiature connectors with removable crimp contacts
MDMB CK-COMPONENTS-MDMB Datasheet
1Mb / 8P
   Microminiature connectors with removable crimp contacts
logo
Japan Aviation Electron...
CONT-JL05-08S-C1-10 JAE-CONT-JL05-08S-C1-10 Datasheet
40Kb / 3P
   JL05 Series, Conformed to JIS B 9960-1, Waterproof, Panel-to-Cable, Contacts, Socket
logo
Glenair, Inc.
240-383Q GLENAIR-240-383Q Datasheet
118Kb / 2P
   Plug with Crimp Removable Contacts
242-383S GLENAIR-242-383S Datasheet
220Kb / 2P
   Jam Nut Receptacle with Crimp Contacts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com