Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLH007-WCRG1213 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PLH007-WCRG1213
Description  Bi-Color SMD LED SOT23 Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLH007-WCRG1213 Datasheet(HTML) 1 Page - P-tec Corporation

  PLH007-WCRG1213 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.5
3.0
0.95
0.5
0.2-0.5
15° Angle
12.5° Angle
1.0
0.1
1.6
0.8
1.0
1.4
Features
*Flat Lens Package 3.0 x 2.8 x 1.1 mm
*1 GaAsP Hi-Eff Red and 1 GaP Green
Chip used
*High Light Output
*IC Compatible
*3000 pcs per Reel
*RoHS Compliant
Absolute Maximum Ratings at TA = 25 °C
Reverse Voltage (<100µA)…………….…………………………………..………… 5.0V
Max Forward Current (Red)……………………………………………………… 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)…...………………..…...… 50mA
Operating Temperature Range……………………………….....…….... -25°C to + 85°C
Storage Temperature Range…………………………………...….…..... -40°C to + 85°C
Soldering Temperature…………………………………………….. 260°C for 5 seconds
Max Forward Current (Green)……………………………………………………. 25mA
Power Dissipation (Green)………………………………………………………. 70mW
Power Dissipation (Red)…………………………………………………………. 78mW
All dimensions are in Millimeters. Tolerance is ± 0.15mm unless otherwise specified.
PLH007 Series Bi-Color SMD LED SOT23 Package
Electrical & Optical Characteristics at TA = 25 °C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Dominant
Wave
Length
Viewing
Angle
2
θ ½
Forward
Voltage
@20mA (V)
Water Clear Lens
nm
nm
Deg
Typ
Max
Min
Typ
PLH007-WCRG1213
Orange-Red
Green
GaAsP
GaP
635
570
626
567
140°
2.1
2.1
2.6
2.8
3.0
4.0
6.0
8.0
Luminous
Intensity
@20mA (mcd)
Pin 3 Common Anode
03-27-07 Rev 1 RS
Pin 1 Red
Pin 2 Green
Recommended Solder Pad Layout
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101


Similar Part No. - PLH007-WCRG1213

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLH0025-WCR08 P-TEC-PLH0025-WCR08 Datasheet
1Mb / 13P
   Dome Lens SMD LED
PLH006-WCG13 P-TEC-PLH006-WCG13 Datasheet
29Kb / 1P
   PLH006-WCG13
PLH006-WCR12 P-TEC-PLH006-WCR12 Datasheet
29Kb / 1P
   SMD LED SOT23 Package
PLH006-WCY01 P-TEC-PLH006-WCY01 Datasheet
29Kb / 1P
   SMD LED SOT23 Package
More results

Similar Description - PLH007-WCRG1213

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00182-WCYG2213 P-TEC-PL00182-WCYG2213 Datasheet
32Kb / 1P
   Bi-Color SMD LED 1210 Package
PL00283-WCRG2113 P-TEC-PL00283-WCRG2113 Datasheet
31Kb / 1P
   SMD LED Bi-Color 1110 Package
PL00283-WCRG2605 P-TEC-PL00283-WCRG2605 Datasheet
34Kb / 1P
   SMD LED Bi-Color 1110 Package
PL00284-WCRG1213 P-TEC-PL00284-WCRG1213 Datasheet
33Kb / 1P
   SMD LED Bi-Color 1311 Package
PL00284-WCGY1301 P-TEC-PL00284-WCGY1301 Datasheet
32Kb / 1P
   SMD LED Bi-Color 1311 Package
PL00284-WCRG2113 P-TEC-PL00284-WCRG2113 Datasheet
33Kb / 1P
   SMD LED Bi-Color 1311 Package
PL00283-WCRG1213 P-TEC-PL00283-WCRG1213 Datasheet
34Kb / 1P
   SMD LED Bi-Color 1110 Package
PL00234-WCRG2617 P-TEC-PL00234-WCRG2617 Datasheet
33Kb / 1P
   Bi-Color SMD LED 0605 Package
PL00284-WCRG2605 P-TEC-PL00284-WCRG2605 Datasheet
33Kb / 1P
   SMD LED Bi-Color 1311 Package
PL00234-WCRG2117 P-TEC-PL00234-WCRG2117 Datasheet
33Kb / 1P
   Bi-Color SMD LED 0605 Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com