Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PLH006-WCR12 Datasheet(PDF) 1 Page - P-tec Corporation

Part No. PLH006-WCR12
Description  SMD LED SOT23 Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLH006-WCR12 Datasheet(HTML) 1 Page - P-tec Corporation

  PLH006-WCR12 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PLH006 Series SMD LED SOT23 Package
Features
*Flat Lens Package 3.0 x 2.8 x 1.1 mm
*GaAsP Hi-Eff Red Chip used
*High Light Output
*IC Compatible
*3000 pcs per Reel
*RoHS Compliant
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100 µA) ………………………………………………………….. 5.0V
Max Forward Current ……………….………………………..………...……...….. 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) ….……………...….……… 50mA
Operating Temperature Range ……..………….…………………..….... -30°C to + 85°C
Storage Temperature Range ..……….……………………….………… -40°C to + 85°C
Reflow Soldering Temperature …..…………………..…………..….. 260° for 5 seconds
Power Dissipation ……………………………………………………………….... 78mW
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Viewing
Angle
2
θ ½
Forward
Voltage
@20mA (V)
Luminous
Intensity
@20mA (mcd)
Water Clear Lens
nm
Deg
Typ
Max
Min
Typ
Orange-Red
GaAsP
635
140°
2.1
2.6
3.0
6.0
PLH006-WCR12
Dominant
Wave
Length
nm
626
0.95
3.0
0.5
1.9
1.0
2.8
0.1
1.5
3
1
2
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
01/02/07 Rev 0 RS


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn