Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T15M1024A-55D Datasheet(PDF) 6 Page - Taiwan Memory Technology

Part # T15M1024A-55D
Description  128K X 8 LOW POWER CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15M1024A-55D Datasheet(HTML) 6 Page - Taiwan Memory Technology

Back Button T15M1024A-55D Datasheet HTML 2Page - Taiwan Memory Technology T15M1024A-55D Datasheet HTML 3Page - Taiwan Memory Technology T15M1024A-55D Datasheet HTML 4Page - Taiwan Memory Technology T15M1024A-55D Datasheet HTML 5Page - Taiwan Memory Technology T15M1024A-55D Datasheet HTML 6Page - Taiwan Memory Technology T15M1024A-55D Datasheet HTML 7Page - Taiwan Memory Technology T15M1024A-55D Datasheet HTML 8Page - Taiwan Memory Technology T15M1024A-55D Datasheet HTML 9Page - Taiwan Memory Technology T15M1024A-55D Datasheet HTML 10Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TE
CH
tm
T15M1024A
TM Technology Inc. reserves the right
P. 6
Publication Date: FEB. 2002
to change products or specifications without notice.
Revision:A
AC CHARACTERISTICS
(Vcc= +5V / ±10%, Gnd = 0V, Ta = 0 ~ +70 °C /-40°C to 85°C)
(1) READ CYCLE
-55
-70
-100
PARAMETER
SYM.
Min
Max
Min
Max
Min
Max
UNIT
Read Cycle Time
tRC
55
-
70
-
100
-
ns
Address Access Time
tAA
-
55
-
70
-
100
ns
Chip Enable Access Time
tACE
-
55
-
70
-
100
ns
Output Enable Access Time
tOE
-
25
-
35
-
50
ns
Output Hold from Address Change
tOH
10
-
10
-
10
-
ns
Chip Enable to Output in Low-Z
tLZ
10
-
10
-
10
-
ns
Chip Disable to Output in High-Z
tHZ
-
20
-
25
-
30
ns
Output Enable to Output in Low-Z
tOLZ
5
-
5
-
5
-
ns
Output Disable to Output in High-Z tOHZ
-
20
-
25
-
30
ns
(2)WRITE CYCLE
-55
-70
-100
PARAMETER
SYM.
Min
Max
Min
Max
Min
Max
UNIT
Write Cycle Time
tWC
55
-
70
-
100
-
ns
Chip Enable to Write End
tCW
50
-
60
-
80
-
ns
Address Valid to Write End
tAW
50
-
60
-
80
-
ns
Address Setup Time
tAS
0
-
0
-
0
-
ns
Write Pulse Width
tWP
45
-
50
-
70
-
ns
Write Recovery Time
tWR
0
-
0
-
0
-
ns
Data Valid to Write End
tDW
25
-
30
-
40
-
ns
Data Hold Time
tDH
0
-
0
-
0
-
ns
Write Enable to Output in High-Z
tWHZ
-
25
-
25
-
30
ns
Output Active from Write End
tOW
5
-
5
-
5
-
ns


Similar Part No. - T15M1024A-55D

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A-55D TMT-T15M1024A-55D Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A-55DI TMT-T15M1024A-55DI Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - T15M1024A-55D

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com