Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE05-6A20-18SDE-D-BSS Datasheet(PDF) 3 Page - DDK Ltd.

Part # CE05-6A20-18SDE-D-BSS
Description  Waterproof Circular Connectors Conforming to European Safety Standards
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE05-6A20-18SDE-D-BSS Datasheet(HTML) 3 Page - DDK Ltd.

  CE05-6A20-18SDE-D-BSS Datasheet HTML 1Page - DDK Ltd. CE05-6A20-18SDE-D-BSS Datasheet HTML 2Page - DDK Ltd. CE05-6A20-18SDE-D-BSS Datasheet HTML 3Page - DDK Ltd. CE05-6A20-18SDE-D-BSS Datasheet HTML 4Page - DDK Ltd. CE05-6A20-18SDE-D-BSS Datasheet HTML 5Page - DDK Ltd. CE05-6A20-18SDE-D-BSS Datasheet HTML 6Page - DDK Ltd. CE05-6A20-18SDE-D-BSS Datasheet HTML 7Page - DDK Ltd. CE05-6A20-18SDE-D-BSS Datasheet HTML 8Page - DDK Ltd. CE05-6A20-18SDE-D-BSS Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Unit:mm
http://www.ddknet.co.jp
CE05 Series
3
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
○ Insert Arrangement
Number of Contact
3
4
4
6
Insert No.
10SL-3
14S-2
18-10
18-12
Insert
Arrangement
Reverse Contact
n/a
n/a
Available
n/a
Contact Size
# 16
# 16
# 12
# 16
Ground Contact
C
D
D
D
Rated Voltage
AC200V(r.m.s.)
AC200V(r.m.s.)
AC250V(r.m.s.)
AC250V(r.m.s.)
Dielectric
Withstanding Voltage
AC2,000V(r.m.s.)
AC2,000V(r.m.s.)
AC3,000V(r.m.s.)
AC2,000V(r.m.s.)
Current Capacity
13A (29.2A)
13A (35.3A)
23A (62.5A)
13A (73.6A)
TÜV Certificate No.
R50082122
R50082122
R50082065
R50082122
Number of Contact
4
7
3 / 6
4
Insert No.
20-4
20-15
20-18
22-22
Insert
Arrangement
Reverse Contact
n/a
Available
n/a
Available
Contact Size
# 12
# 12
# 12 # 16
# 8
Ground Contact
D
D
D , E
D
Rated Voltage
AC250V(r.m.s.)
AC250V(r.m.s.)
AC250V(r.m.s.)
AC250V(r.m.s.)
Dielectric
Withstanding Voltage
AC2,800V(r.m.s.)
AC2,000V(r.m.s.)
AC2,000V(r.m.s.)
AC3,000V(r.m.s.)
Current Capacity
23A (62.5A)
23A (83.7A)
#12 : 23A
#16 : 13A(67.6A)
46A (125.1A)
TÜV Certificate No.
R50082065
R50082065
R50082065
R50082069
Number of Contact
8
7
7
3 / 6
4
Insert No.
22-23
24-10(D)
24-10(G)
24-11
32-17
Insert
Arrangement
Reverse Contact
Available
n/a
n/a
n/a
Available
Contact Size
# 12
# 8
# 8
# 8 # 12
# 4
Ground Contact
D
D
G
G , H
D
Rated Voltage
AC250V(r.m.s.)
AC250V(r.m.s.)
AC250V(r.m.s.)
AC250V(r.m.s.)
AC250V(r.m.s.)
Dielectric
Withstanding Voltage
AC2,000V(r.m.s.)
AC2,000V(r.m.s.)
AC2,000V(r.m.s.)
AC2,000V(r.m.s.)
AC2,800V(r.m.s.)
Current Capacity
23A (90.1A)
46A (167.4A)
46A (167.4A)
# 8 : 46A
#12 : 23A(126.4A)
80A (217.6A)
TÜV Certificate No.
R50082065
R50082069
R50082069
R50082069
R50082124
A
B
C
A
B
C
D
E
F
G
A
B
C
D
E
F
G
A
B
C
D
E
F
G
A
B
C
D
E
F
G
H
I
A
B
C
D
A
B
C
D
E
F
G
H
I
A
B
C
D
A
B
C
D
E
F
G
H
A
B
C
D
A
B
C
D
A
B
C
D
E
F
A
B
C
D
* Front view of pin contact and standard key position
* The sign " ● " stands for the ground contact.
* Current capacity shows the maximum permitted current per contact.
  Values in parenthesis show the total current capacities in each one of respective connectors.
* n/a stands for ''not available''.


Similar Part No. - CE05-6A20-18SDE-D-BSS

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE05-6A20-18SDE-D-BSS DDK-CE05-6A20-18SDE-D-BSS Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
More results

Similar Description - CE05-6A20-18SDE-D-BSS

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
   Circular Connectors Conforming to JIS C 5432
logo
DDK Ltd.
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
   Compact, Slim Relays Conforming to EN Standards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com