Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE01-2A24-14SCX-D0S Datasheet(PDF) 5 Page - DDK Ltd.

Part # CE01-2A24-14SCX-D0S
Description  Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE01-2A24-14SCX-D0S Datasheet(HTML) 5 Page - DDK Ltd.

  CE01-2A24-14SCX-D0S Datasheet HTML 1Page - DDK Ltd. CE01-2A24-14SCX-D0S Datasheet HTML 2Page - DDK Ltd. CE01-2A24-14SCX-D0S Datasheet HTML 3Page - DDK Ltd. CE01-2A24-14SCX-D0S Datasheet HTML 4Page - DDK Ltd. CE01-2A24-14SCX-D0S Datasheet HTML 5Page - DDK Ltd. CE01-2A24-14SCX-D0S Datasheet HTML 6Page - DDK Ltd. CE01-2A24-14SCX-D0S Datasheet HTML 7Page - DDK Ltd. CE01-2A24-14SCX-D0S Datasheet HTML 8Page - DDK Ltd. CE01-2A24-14SCX-D0S Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Unit:mm
http://www.ddknet.co.jp
CE01 Series
5
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
Shell
Size
Number of
Contact
Part Number
A
B
V
Contact
Size
L Max.
Pin
Insert
Socket
Insert
18
5
CE01-6A18-11 □ C-D0
35.9
23.5
1-20UNEF-2A
# 12
46
43.0
10
CE01-6A18-1 □ C-D0
# 16
43
38.0
19
CE01-6A18-19A □ C-D0
# 20
40
37.5
20
7
CE01-6A20-15 □ C-D0
40.6
26.9
1 1/8-18UNEF-2A
# 12
46
43.0
17
CE01-6A20-29 □ C-D0
# 16
43
38.0
30
CE01-6A20-30A □ C-D0
# 20
40
37.5
22
4
CE01-6A22-22 □ C-D0
42.2
29.6
1 1/4-18UNEF-2A
# 8
48
48.0
8
CE01-6A22-23 □ C-D0
# 12
46
43.0
19
CE01-6A22-14 □ C-D0
# 16
43
38.0
24
7
CE01-6A24-10 □ C-D0
45.4
32.8
1 3/8-18UNEF-2A
# 8
48
48.0
24
CE01-6A24-28 □ C-D0
# 16
43
38.0
52
CE01-6A24-52A □ C-D0
# 20
40
37.5
28
37
CE01-6A28-21 □ C-D0
51.7
39.0
1 5/8-18UNEF-2A
# 16
43
38.0
73
CE01-6A28-73A □ C-D0
# 20
40
37.5
○ Straight Plug
① Connector Style
6A : Straight Plug
② Shell Size
18, 20, 22, 24 and 28
③ Insert Arrangement
Refer to page 2.
④ Contact Style
P:Pin Contact
S:Socket Contact
⑤ Contact Type
C : Crimp Contact
⑥ Alternate Insert Position
Omit : Standard Position
W, X, Y, Z : Refer to page 3.
⑦ Plating / Finish
D:Zinc Plating / BlackTrivelent Chromium Treatment
⑧ Contact
0 : Less Contact (Available separately)
CE01-6A22-14PCW-D 0
② ③
④⑤ ⑥
⑦ ⑧
37.5
12
1.6
11 max.
V Thread
Pre-mating Contact
Position Symbol
Master Keyway
(Conduit Fitting
Dimension)
CE01-22 B S L - D S
①② ③ ④
⑤ ⑥
① Shell Size
18, 20, 22, 24 and 28
② Part
B : Backshell
③ Style
S : Straight
④ Shell Type
Omit : Standard Backshell
L:Long Backshell
⑤ Finish
D:Black Trivalent Chromium Treatment
⑥ Waterproof
S : Waterproof
12.5
7.85 max.
V Thread
O Ring
W Thread
(Gripping Surfaces for Wrench)
(Complete Thread Length)
The straight backshell retains the cable when the conduit is not used.
Two kinds of backshells in different length are availabe for the shell
size of 22, 24 and 28.
Use the waterproof backshell with the waterproof cable clamp.
Aluminum Alloy/Black Trivalent Chromium Treatment
Note : Use the long backshell in the case of insert arrangements with the contact size #12 and #8.
Shell Size
Part Number
A
B
C
V
W
L
18
CE01-18BS-DS
29.3
16.3
26.73
1-20UNEF-2B
1-20UNEF-2A
55
20
CE01-20BS-DS
33.8
17.8
31.6
1 1/8-18UNEF-2B
1 3/16-18UNEF-2A
55
22
CE01-22BS-DS
35.3
17.8
32.4
1 1/4-18UNEF-2B
1 3/16-18UNEF-2A
55
CE01-22BSL-DS
75
24
CE01-24BS-DS
38.8
21.0
36.6
1 3/8-18UNEF-2B
1 7/16-18UNEF-2A
55
CE01-24BSL-DS
75
28
CE01-28BS-DS
44.8
21.0
40.0
1 5/8-18UNEF-2B
1 7/16-18UNEF-2A
55
CE01-28BSL-DS
75
MATERIAL / FINISH
○ Waterproof Straight Backshell


Similar Part No. - CE01-2A24-14SCX-D0S

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE01-2A24-14SCX-D0S DDK-CE01-2A24-14SCX-D0S Datasheet
906Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
More results

Similar Description - CE01-2A24-14SCX-D0S

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE01-1A22-22PCW-D0 DDK-CE01-1A22-22PCW-D0 Datasheet
898Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE01-1A18-14PCW-D0 DDK-CE01-1A18-14PCW-D0 Datasheet
906Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
C&K Components
MDMA CK-COMPONENTS-MDMA Datasheet
3Mb / 8P
   Microminiature connectors with removable crimp contacts
MDMB CK-COMPONENTS-MDMB Datasheet
1Mb / 8P
   Microminiature connectors with removable crimp contacts
logo
Japan Aviation Electron...
CONT-JL05-08S-C1-10 JAE-CONT-JL05-08S-C1-10 Datasheet
40Kb / 3P
   JL05 Series, Conformed to JIS B 9960-1, Waterproof, Panel-to-Cable, Contacts, Socket
logo
Glenair, Inc.
240-383Q GLENAIR-240-383Q Datasheet
118Kb / 2P
   Plug with Crimp Removable Contacts
242-383S GLENAIR-242-383S Datasheet
220Kb / 2P
   Jam Nut Receptacle with Crimp Contacts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com