Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL763H-WC3G31 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL763H-WC3G31
Description  HIGH POWER LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL763H-WC3G31 Datasheet(HTML) 1 Page - P-tec Corporation

  PL763H-WC3G31 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7.62
7.62
7.9
2.5
4.8
1
2
3
4
5.08±0.3
3
1
2
4
G
G
G
2.5
0.4
5.0
5.08±0.3
Absolute Maximum Ratings at TA = 25°C
Power Dissipation …………………………………………………………….……………………......120mW
Reverse Voltage (100
µΑ Reverse Current)..……….………………………………………..…………….5.0V
D.C. Forward Current ………………………………………………...…………..…..………...……….30mA
Pulse Current (1/10 Duty Cycle, 0.1ms Pulse Width)……………………………………..………...…100mA
Operating Temperature Range ……………………..………………………………...………..-25°C to +85°C
Storage Temperature Range ………….……………………………………………….….….-40°C to +100°C
Lead Soldering Temperature (1.6 mm below body) ..……..….…..………...…….……....260°C for 5 seconds
PL763H SERIES HIGH POWER LED
Features
*5mm Lens Piranha with
Heavy Lead Frame
*High Luminous Output
*Meets SAE/ECE/JIS
Automotive Colors
*Packaged in 60pc tubes
*RoHS Complaint
Electrical & Optical Characteristics at TA = 25°C
Lens Color
Part Number
Material
Emitting
Color
Dominant
Wave
Length
Peak
Wave
Length
View
Angle
2
θ ½
Forward Voltage
@20mA (V)
Luminous
Flux (mlm)
Water Clear
nm
nm
Deg
Typ
Max
Min
Typ
Typ
PL763H-WC3G31
InGaN
Green
520
-
30°
3.2
4.0
4800
8200
7000
Luminous
Intensity
@20mA (mcd)
Tel:(800)688-0613
Tel:(719) 589 3122
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
01.18.07
Rev0
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. An epoxy meniscus may extend about 1mm down the leads.


Similar Part No. - PL763H-WC3G31

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL763H-WC3B21 P-TEC-PL763H-WC3B21 Datasheet
31Kb / 1P
   HIGH POWER LED
PL763H-WC3R33 P-TEC-PL763H-WC3R33 Datasheet
31Kb / 1P
   HIGH POWER LED
PL763H-WC3W P-TEC-PL763H-WC3W Datasheet
31Kb / 1P
   HIGH POWER LED
PL763H-WC3WW P-TEC-PL763H-WC3WW Datasheet
31Kb / 1P
   HIGH POWER LED
PL763H-WC3Y02 P-TEC-PL763H-WC3Y02 Datasheet
31Kb / 1P
   HIGH POWER LED
More results

Similar Description - PL763H-WC3G31

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01UWC EVERLIGHT-30-01UWC Datasheet
139Kb / 6P
   HIGH POWER LED
logo
TAITRON Components Inco...
TSLG-XR8080-A08L TAITRON-TSLG-XR8080-A08L Datasheet
495Kb / 9P
   HIGH POWER LED
logo
P-tec Corporation
PL763H-WC3W P-TEC-PL763H-WC3W Datasheet
31Kb / 1P
   HIGH POWER LED
logo
Ningbo Foryard Optoelec...
FYB-E27W3W3B FORYARD-FYB-E27W3W3B Datasheet
753Kb / 4P
   High Power LED
FYG50-5052UW-3W FORYARD-FYG50-5052UW-3W Datasheet
599Kb / 4P
   High Power LED
FYLP-5052PGC-1W FORYARD-FYLP-5052PGC-1W Datasheet
518Kb / 8P
   High-Power LED
FYLP-5052UBC-1W FORYARD-FYLP-5052UBC-1W Datasheet
516Kb / 8P
   High-Power LED
FYLP-5052UWC-0.5W FORYARD-FYLP-5052UWC-0.5W Datasheet
522Kb / 8P
   High-Power LED
logo
Roithner LaserTechnik G...
ELJ-810-629 ROITHNER-ELJ-810-629 Datasheet
262Kb / 4P
   High Power LED
RLT-WNP1000-02 ROITHNER-RLT-WNP1000-02 Datasheet
227Kb / 4P
   High Power LED
SMB1W-770R ROITHNER-SMB1W-770R Datasheet
372Kb / 5P
   High Power LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com