Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T14M1024A Datasheet(PDF) 10 Page - Taiwan Memory Technology

Part No. T14M1024A
Description  128K X 8 HIGH SPEED CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T14M1024A Datasheet(HTML) 10 Page - Taiwan Memory Technology

Back Button T14M1024A Datasheet HTML 2Page - Taiwan Memory Technology T14M1024A Datasheet HTML 3Page - Taiwan Memory Technology T14M1024A Datasheet HTML 4Page - Taiwan Memory Technology T14M1024A Datasheet HTML 5Page - Taiwan Memory Technology T14M1024A Datasheet HTML 6Page - Taiwan Memory Technology T14M1024A Datasheet HTML 7Page - Taiwan Memory Technology T14M1024A Datasheet HTML 8Page - Taiwan Memory Technology T14M1024A Datasheet HTML 9Page - Taiwan Memory Technology T14M1024A Datasheet HTML 10Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TE
CH
tm
T14M1024A
TM Technology Inc. reserves the right
P. 10
Publication Date: SEP. 2002
to change products or specifications without notice.
Revision:E
PACKAGE DIMENSIONS
32-LEAD TSOP-I (8x13.4mm)
DIMENSIONS IN INCHES
DIMENSIONS IN MM
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
-
-
0.047
-
-
1.20
A1
0.002
-
0.006
0.05
-
0.15
A2
0.035
0.040
0.041
0.90
1.00
1.05
b
0.007
0.008
0.011
0.17
0.20
0.27
C
0.004
0.006
0.008
0.10
0.15
0.21
HD
0.528 TYP
13.40 TYP
D
0.465 TYP
11.80 TYP
E
0.315 TYP
8.00 TYP
e
0.020 TYP
0.50 TYP
L
0.020
0.024
0.028
0.50
0.60
0.7
L1
0.032TYP
0.813 TYP
θ
0
°
3
°
5
°
0
°
3
°
5
°
HD
1
16
17
32
D
"A "
C
b
e
A2
A
A1
E
L
L1
D e ta il " A "
S eat in g plane
S eat in g plane
y


Similar Part No. - T14M1024A

ManufacturerPart No.DatasheetDescription
Taiwan Memory Technology
Taiwan Memory Technolog...
T14M256A TMT-T14M256A Datasheet
74Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM???
T14M256A TMT-T14M256A Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
T14M256A-8J TMT-T14M256A-8J Datasheet
74Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM???
T14M256A-8P TMT-T14M256A-8P Datasheet
74Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM???
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - T14M1024A

ManufacturerPart No.DatasheetDescription
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
Taiwan Memory Technology
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
Pyramid Semiconductor Corporation
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
Winbond
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
Integrated Circuit Solution Inc
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
Winbond
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz