Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE3420-10-3 Datasheet(PDF) 2 Page - DDK Ltd.

Part # CE3420-10-3
Description  Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE3420-10-3 Datasheet(HTML) 2 Page - DDK Ltd.

  CE3420-10-3 Datasheet HTML 1Page - DDK Ltd. CE3420-10-3 Datasheet HTML 2Page - DDK Ltd. CE3420-10-3 Datasheet HTML 3Page - DDK Ltd. CE3420-10-3 Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Unit:mm
http://www.ddknet.co.jp
CE02-6A Series
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○ Insert Arrangements
○ Alternate Insert Positions
2
Insert No.
10SL
18-10
18-12
20-15
20-29
Insert
Arrangement
Contact Size
# 16
# 12
# 16
# 12
# 16
Number of
Contact
3467
17
Ground Contact
C
D
D
D
N
Service Rating
AAAAA
Current Capasity
13A (29.2A)
23A (62.5A)
13A (43.6A)
23A (83.7A)
13A (81.7A)
Insert No.
Contact Size/
Number of
Contact
Alternate Insert Key Position
WX
Y
Z
10SL-3
# 16 / 3
18-10
# 12 / 4
120 ゜
240 ゜
18-12
# 16 / 6
80 ゜
280 ゜
20-15
# 12 / 7
80 ゜
280 ゜
20-29
# 16 / 17
80 ゜
280 ゜
22-14
# 16 / 19
80 ゜
280 ゜
22-22
# 8 / 4
110 ゜
250 ゜
22-23
# 12 / 8
35 ゜
24-10
# 8 / 7
80 ゜
280 ゜
* Front view of pin contact and key position is standard.
* The sign " ● " stands for the ground contact.
* Current capasity shows the maximum permitted current per contact.
Values in parenthesis show the total current capacities in each one of respective connectors.
Insert No.
20-14
22-22
22-23
22-10(D)
24-10(G)
Insert
Arrangement
Contact Size
# 16
# 8
# 12
# 8
# 8
Number of
Contact
19
4
8
7
7
Ground Contact
N
D
D
D
G
Service Rating
A
A
D(H)
A(Others)
AA
Current Capasity
13A (88.9A)
46A (125.1A)
23A (90.1A)
46A (167.4A)
46A (167.4A)
C
C
Front View of Socket Insert
To avoid cross-mating problems in applications requiring
the use of more than one connector of the same size and
insert arrangement, alternate insert positions are available
as indicated or as shown in the diagram below.
DC
R
GF
C
DA
B
C
A
B
C
D
E
F
G
H
#16 #12 #8
#4
#0
Contact Size Symbol
Front View of Pin Insert


Similar Part No. - CE3420-10-3

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE3420-10-3 DDK-CE3420-10-3 Datasheet
361Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE3420-10-3 DDK-CE3420-10-3 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
CE3420-10-3 DDK-CE3420-10-3 Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE3420-10-3 DDK-CE3420-10-3 Datasheet
906Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE3420-10-3 DDK-CE3420-10-3 Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
More results

Similar Description - CE3420-10-3

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3100A10SL-10PW DDK-DMS3100A10SL-10PW Datasheet
2Mb / 18P
   MIL-DTL-5015 Style Circular Connectors
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
   Circular Connectors Conforming to JIS C 5432
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com