Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE3057-12A-1-D Datasheet(PDF) 4 Page - DDK Ltd.

Part # CE3057-12A-1-D
Description  Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE3057-12A-1-D Datasheet(HTML) 4 Page - DDK Ltd.

  CE3057-12A-1-D Datasheet HTML 1Page - DDK Ltd. CE3057-12A-1-D Datasheet HTML 2Page - DDK Ltd. CE3057-12A-1-D Datasheet HTML 3Page - DDK Ltd. CE3057-12A-1-D Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Unit:mm
http://www.ddknet.co.jp
CE02-6A Series
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○ Waterproof Cable Clamp
4
○ Waterproof Rubber Bushing
(D)
C
1.5
0.7
φE
Thread
( Outer Dimension
of Bushing )
  
Part Number
Applicable
Shell Size
A
B
C
(D)
E
F
G
V
Bushing P/N
Applicable Cable
CE3057-4A-1-D
10SL,12S
20.62
20.6
10.31
(41.3)
8.0
5.6
22.2
5/8-24UNEF-2B
CE3420-4-1
φ 3.6 ∼φ 5.6
CE3057-10A-1-D
18
23.83
30.1
10.31
(41.3)
15.8
14.1
31.7
1-20UNEF-2B
CE3420-10-1
φ 10.5 ∼φ 14.1
CE3057-10A-2-D
11.0
CE3420-10-2
φ 8.5 ∼φ 11.0
CE3057-10A-3-D
8.7
CE3420-10-3
φ 6.5 ∼φ 8.7
CE3057-12A-1-D
20
22
23.83
35.0
10.31
(41.3)
19.0
16.0
37.3
1 3/16-18UNEF2B
CE3420-12-1
φ 12.5 ∼φ 16.0
CE3057-12A-2-D
13.0
CE3420-12-2
φ 9.5 ∼φ 13.0
CE3057-12A-3-D
10.0
CE3420-12-3
φ 6.8 ∼φ 10.0
CE3057-12A-7-D
17.0
CE3420-12-7
φ 14.5 ∼φ 17.0
CE3057-16A-1-D
24
28
26.19
42.1
10.31
(41.3)
23.8
19.1
42.9
1 7/16-18UNEF-2B
CE3420-16-1
φ 15.0 ∼φ 19.1
CE3057-16A-2-D
15.5
CE3420-16-2
φ 13.0 ∼φ 15.5
CE3057-16A-4-D
21.5
CZY005-GB-3
φ 19.1 ∼φ 21.5
CE3057-16A-6-D
20.0
CE3420-16-6
φ 18.5 ∼φ 20.0
CE3057-16A-7-D
13.5
CE3420-16-7
φ 11.5 ∼φ 13.5
CE3057-16A-8-D
12.5
CZY005-GB-5
φ 10.5 ∼φ 12.5
CE3057-10A-1-D
①② ③
① Clamp Size
4A, 10A, 12A, 16A
② Bushing Size
Rubber Bushing
(Refer to the applicable cable size.)
③ Finish
D:Trivalent Chromium
Treatment (Black)
CE3057- □□ A- □ -D is a waterproof cable clamp for use with a plug. The cable clamp has a waterproof rubber
bushing. Make sure to use a cabtyre cable meeting one of the applicable cable size ranges as shown below.
The cable clamp should be used together with a waterproof backshell.
D
Part Number
φ A
φ B
φ C
D
 Friction Washer
CE3420-4-1
5.6
7.5
12.9
38.3
MS3057-4W
CE3420-10-1
14.1
15.5
22.2
38.5
MS3057-10W
CE3420-10-2
11.0
CE3420-10-3
8.7
CE3420-12-1
16.0
18.6
26.9
39.3
MS3057-12W
CE3420-12-2
13.0
CE3420-12-3
10.0
CE3420-12-7
17.0
CE3420-16-1
19.1
23.4
33.2
40.0
MS3057-16W
CE3420-16-2
15.1
CE3420-16-6
20.0
CE3420-16-7
13.5
CE3420-10-1
① Cable Clamp Size
4, 10, 12, 16
② Bushing Size
Refer to table 1.
CE3420- □□ A- □ is the rubber bushing which combines with the
cable clamp(CE3057- □□ A- □ -D) to constrict the cable for waterproof.
The fliction washer is available separately.
Table 1


Similar Part No. - CE3057-12A-1-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE3057-12A-1-D DDK-CE3057-12A-1-D Datasheet
361Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE3057-12A-1-D DDK-CE3057-12A-1-D Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
CE3057-12A-1-D DDK-CE3057-12A-1-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE3057-12A-1-D DDK-CE3057-12A-1-D Datasheet
906Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE3057-12A-1-D DDK-CE3057-12A-1-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
More results

Similar Description - CE3057-12A-1-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3100A10SL-10PW DDK-DMS3100A10SL-10PW Datasheet
2Mb / 18P
   MIL-DTL-5015 Style Circular Connectors
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
   Circular Connectors Conforming to JIS C 5432
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com