Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T14L1024N Datasheet(PDF) 2 Page - Taiwan Memory Technology

Part No. T14L1024N
Description  128K X 8 HIGH SPEED CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T14L1024N Datasheet(HTML) 2 Page - Taiwan Memory Technology

  T14L1024N Datasheet HTML 1Page - Taiwan Memory Technology T14L1024N Datasheet HTML 2Page - Taiwan Memory Technology T14L1024N Datasheet HTML 3Page - Taiwan Memory Technology T14L1024N Datasheet HTML 4Page - Taiwan Memory Technology T14L1024N Datasheet HTML 5Page - Taiwan Memory Technology T14L1024N Datasheet HTML 6Page - Taiwan Memory Technology T14L1024N Datasheet HTML 7Page - Taiwan Memory Technology T14L1024N Datasheet HTML 8Page - Taiwan Memory Technology T14L1024N Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TE
CH
tm
T14L1024N
TM Technology Inc. reserves the right
P. 2
Publication Date: APR. 2002
to change products or specifications without notice.
Revision: C
PIN CONFIGURATION
TSOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A0
A1
A2
A3
CE
I/O0
I/O1
VCC
VSS
I/O2
I/O3
WE
A4
A5
A6
A7
A16
A15
A14
A13
OE
I/O7
I/O6
VSS
VCC
I/O5
I/O4
A12
A11
A10
A9
A8
12345
6
A
B
C
D
E
F
G
H
A0
A1
NC
A3
A6
A8
I/ O 4
A2
W E
A4
A7
I/ O 0
I/ O 5
NC
A5
I/ O 1
Vc c
Vs s
I/ O 2
I/ O 3
Vs s
Vc c
I/ O 6
NC
NC
I/ O 7
A9
A1 0
A 1 1
A1 2
A 1 3
A1 4
A1 5
A1 6
CE
OE
36-Ball CSP TOP VIEW (Ball Down)
A3
A2
CE
I/O0
I/O1
Vss
Vcc
I/O2
I/O3
WE
A4
A5
A1
A0
28
27
26
25
23
24
22
21
20
19
18
17
32
29
1
2
3
4
6
5
7
8
9
10
11
12
15
16
A16
OE
I/O7
I/O6
Vss
I/O5
A12
A11
A10
A15
A14
A13
Vcc
I/O4
A6
A7
30
31
13
14
A9
A8
SOJ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
W24L010A 128K X 8 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond
W24L011A 128K X 8 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond
W24L11 128K X 8 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond
W26020A 128K X 16 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond
IC62C1024 128K X 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Integrated Circuit Solution Inc
T14L1024A 128K X 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Taiwan Memory Technology
P3C1024 HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM 1  2  List of Unclassifed Manufacturers
T14M1024A 128K X 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Taiwan Memory Technology
P4C1024 HIGH SPEED 128K X 8 CMOS STATIC RAM 1  2  3  4  5  More Pyramid Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn