Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF40 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # RF40
Description  Battery/Coolant Refractometer with ATC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RF40 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  RF40 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-60(63%)
-50(60%)
-40(57%)
-30(53%)
-20(49%)
-10(44%)
-5(41%)
+0(38%)
+5(34%)
+10(30%)
+15(25%)
+20(19%)
+25(12%)
F PROPYLENE
GLYCOL
-60(59%)
-50(56%)
-40(52%)
-30(48%)
-20(44%)
-10(39%)
-5(36%)
+0(33%)
+5(29%)
+10(25%)
+15(21%)
+20(16%)
+25(10%)
ETHYLENE
GLYCOL
WATERLINE
F
1.30
1.25
1.20
1.15
Bad
Bad
Good
Support line (781) 890-7440
Technical support: Extension 200; E-mail: support@extech.com
Repair & Returns: Extension 210; E-mail: repair@extech.com
Product specifications subject to change without notice
For the latest version of this User’s Guide, Software updates, and other
up-to-the-minute product information, visit our website: www.extech.com
Extech Instruments Corporation, 285 Bear Hill Rd., Waltham, MA 02451
User's Guide
Battery/Coolant Refractometer with ATC
Model RF40
Introduction
Congratulations
on
the
purchase
of
your
RF40
Battery/Coolant Refractometer with automatic temperature
compensation. This precision optical instrument should be
handled gently; avoid touching the optical surface. Careful
use of this instrument will provide years of reliable service.
Description
1. Eyepiece
2. Mirror tube
3. Adjustment Screw
4. Cover plate
5. Prism
Field of View
Operation
The instrument measures the refractive index of the sample.
1. Zero Adjustment
Place one or two drops of distilled water on the prism.
Close the cover plate and rotate the adjusting screw so
that the light/dark boundary lines up with the “waterline”.
Once the zero adjustment has been completed, clean the
prism with soft cloth
2. Sample Preparation and Reading
To take a sample reading, simply place a few drops of a
sample liquid on the measurement prism at the end of
the instrument. Lower the cover plate onto the sample
and prism. Open the prism cover and place 2 or 3 drops
on the prism. Close the cover so the liquid spreads
across the entire surface of the prism without air bubbles
or dry spots. Allow the sample to remain on the prism for
approximately 30 seconds.
While holding the instrument under a light source, look
through the
eyepiece. The
freezing point of the
liquid or the state of
the battery liquid is
determined by the
intersection of the
boundary of the light
and dark fields
(known as the
shadowline) on the
printed scale. If the scale appears out of focus, the
eyepiece may be adjusted by rotating the knurled portion.
The instrument also features an eye guard to prevent
stray light from entering the eyepiece and causing
reflections.
It may be necessary to adjust the position of the light
source to maximize the contrast of the shadowline. Under
normal conditions, optimal contrast is obtained by holding
the instrument underneath and perpendicular to a light
source.
Once a reading has been taken, wipe dry with a clean
cloth (do not wash or rinse) and place the instrument in
the supplied plastic case. Store the instrument in a safe,
dry environment.
Temperature is one of the single most important factors
influencing accurate refractometer readings and is one of
the largest sources of error in measurement.
Temperature compensation relieves the user of the
responsibility to measure temperature and apply a
correction factor when taking readings. This
refractometer makes this correction automatically. When
ambient temperature varies from 68°F (20°C), readings
are automatically adjusted to compensate for
temperature variance between 50°F to 86°F (10°C to
30°C).
Specifications
Range
-60 to 32°F for Propylene and
Ethylene glycol freeze point
1.15 to 1.30 specific gravity of battery acid
Resolution
2°F glycol freeze point
0.01 specific gravity of battery acid
Dimensions
6.2x1.6x1.2" (160x40x30mm)
Weight
7.0 oz. (200g)
Calibration and Repair Services
Extech offers complete repair and calibration services for
all of the products we sell. For periodic calibration or repair of
this Extech product, call customer service for details on
services available. Extech recommends that calibration be
performed on an annual basis to ensure calibration integrity.
Warranty
EXTECH INSTRUMENTS CORPORATION warrants this instrument to be free of defects
in parts and workmanship for one year from date of shipment (a six month limited
warranty applies to sensors and cables). If it should become necessary to return the
instrument for service during or beyond the warranty period, contact the Customer
Service Department at (781) 890-7440 ext. 210 for authorization or visit our website
www.extech.com for contact information. A Return Authorization (RA) number must be
issued before any product is returned to Extech. The sender is responsible for shipping
charges, freight, insurance and proper packaging to prevent damage in transit. This
warranty does not apply to defects resulting from action of the user such as misuse,
improper wiring, operation outside of specification, improper maintenance or repair, or
unauthorized modification. Extech specifically disclaims any implied warranties or
merchantability or fitness for a specific purpose and will not be liable for any direct,
indirect, incidental or consequential damages. Extech's total liability is limited to repair or
replacement of the product. The warranty set forth above is inclusive and no other
warranty, whether written or oral, is expressed or implied.
Copyright © 2009 Extech Instruments Corporation
All rights reserved including the right of reproduction
in whole or in part in any form.
Version 3.0 January 2009


Similar Part No. - RF40

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF40-500-2 ADAM-TECH-RF40-500-2 Datasheet
71Kb / 1P
   RF HEADER
RF40-500-2-TR ADAM-TECH-RF40-500-2-TR Datasheet
71Kb / 1P
   RF HEADER
logo
Johanson Technology Inc...
RF400BB13 JOHANSON-RF400BB13 Datasheet
550Kb / 21P
   resistive products
logo
Samtec, Inc
RF402 SAMTEC-RF402 Datasheet
286Kb / 1P
   SMA TO 18 GHz
RF402-01BJ1-0100 SAMTEC-RF402-01BJ1-0100 Datasheet
286Kb / 1P
   SMA TO 18 GHz
More results

Similar Description - RF40

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RF20 EXTECH-RF20 Datasheet
178Kb / 4P
   Portable Salinity Refractometer with ATC
RF18 EXTECH-RF18 Datasheet
65Kb / 1P
   Brix Refractometer
logo
Cooper Bussmann, Inc.
BK-ATC-3 COOPER-BK-ATC-3 Datasheet
251Kb / 2P
   ATC Blade Fuses
BK-ATC-30 COOPER-BK-ATC-30 Datasheet
251Kb / 2P
   ATC Blade Fuses
logo
SparkFun Electronics
TOL-12783 SPARKFUN-TOL-12783 Datasheet
91Kb / 1P
   Flexible Coolant Pipe - 1ft (1/2)
1/19/2016
logo
Cooper Bussmann, Inc.
15600-06-20 COOPER-15600-06-20 Datasheet
86Kb / 2P
   Fuse Panels - ATC, ATM, FMX
logo
List of Unclassifed Man...
CR1 ETC2-CR1 Datasheet
59Kb / 1P
   ATC HIGH POWER RESISTIVE PRODUCTS
logo
Cooper Bussmann, Inc.
15600 COOPER-15600 Datasheet
79Kb / 1P
   ATC Blade-Type Fuse Panels
logo
List of Unclassifed Man...
ATC111 ETC1-ATC111 Datasheet
218Kb / 12P
   ATC Millimeter Wavelength Single Layer Capacitors
RL-S24M-24PK-R1 ETC2-RL-S24M-24PK-R1 Datasheet
381Kb / 2P
   Factory filled with coolant, then sealed and pressure tested - requires zero maintenance for years.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com