Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE02-2A20-29PWS-D Datasheet(PDF) 3 Page - DDK Ltd.

Part # CE02-2A20-29PWS-D
Description  Waterproof Circular Connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE02-2A20-29PWS-D Datasheet(HTML) 3 Page - DDK Ltd.

  CE02-2A20-29PWS-D Datasheet HTML 1Page - DDK Ltd. CE02-2A20-29PWS-D Datasheet HTML 2Page - DDK Ltd. CE02-2A20-29PWS-D Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Unit:mm
http://www.ddknet.co.jp
CE02-2A Series
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○ Box Receptacle Connector
3
Part Number
A
B
C
D
(E)
F max.
G0.5
H min.
J0.15
K
L
CE02-2A18-10P-D
1 1/8-18UNEF-2A
19.2
3.35
7.44
30.03
13.8
25.4
15.88
26.97
34.9
3.05
CE02-2A18-12P-D
1 1/8-18UNEF-2A
19.2
3.35
7.44
30.03
11.5
25.5
15.88
26.97
34.9
3.05
CE02-2A20-15P-D
1 1/4-18UNEF-2A
19.2
3.35
7.44
30.03
13.8
28.6
15.88
29.36
38.1
3.05
CE02-2A20-29P-D
1 1/4-18UNEF-2A
19.2
3.35
7.44
30.03
11.5
28.6
15.88
29.36
38.1
3.05
CE02-2A22-14P-D
1 3/8-18UNEF-2A
19.2
3.35
7.44
30.03
11.5
31.8
15.88
31.75
41.3
3.05
CE02-2A22-22P-D
1 3/8-18UNEF-2A
19.2
3.35
7.44
30.03
16.9
31.8
15.88
31.75
41.3
3.05
CE02-2A22-23P-D
1 3/8-18UNEF-2A
19.2
3.35
7.44
30.03
13.8
31.8
15.88
31.75
41.3
3.05
CE02-2A24-10P-D
1 1/2-18UNEF-2A
20.8
3.35
7.44
31.59
15.3
34.9
15.88
34.93
44.4
3.73
+0.25
-0.12
CE02-2A20-29PWS-D
③④ ⑤ ⑥ ⑦
① Shell Style
2A:Box Receptacle
② Shell Size
18, 20, 22 and 24
③ Insert Number
Refer to page 2.
④ Contact Style
P : Pin Contact
⑤ Alternate Insert Position
Omit : Standard Position
W, X, Y, Z : Altenate Insert Position
⑥ Gasket
Omit : Without Gasket
S : With Gasket
⑦ Finish
D : Black Trivalent Chromium Treatment
4-φL
□J 0.15
□K
A Thread
C
BD
(E)
F
H


Similar Part No. - CE02-2A20-29PWS-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE02-2A20-29P-D DDK-CE02-2A20-29P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results

Similar Description - CE02-2A20-29PWS-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
RM-W HIROSE-RM-W Datasheet
627Kb / 16P
   General-purpose Multi-Contact Circular Waterproof Connectors
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
logo
Assmann Electronics Inc...
A-CR-04PMMP-LC-WP ASSMANN-A-CR-04PMMP-LC-WP Datasheet
48Kb / 1P
   Waterproof Circular connector
logo
DDK Ltd.
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
WEBSP1303MXG-1-D DDK-WEBSP1303MXG-1-D Datasheet
301Kb / 8P
   Waterproof Circular Connectors for Solder Terminations Meeting IP67
CE05 DDK-CE05 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
   Circular Connectors
logo
Japan Aviation Electron...
JK06 JAE-JK06 Datasheet
781Kb / 10P
   VG95234 Qualified Circular Waterproof Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com