Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD700 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # HD700
Description  Differential Pressure Manometer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

HD700 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  HD700 Datasheet HTML 1Page - Extech Instruments Corporation. HD700 Datasheet HTML 2Page - Extech Instruments Corporation. HD700 Datasheet HTML 3Page - Extech Instruments Corporation. HD700 Datasheet HTML 4Page - Extech Instruments Corporation. HD700 Datasheet HTML 5Page - Extech Instruments Corporation. HD700 Datasheet HTML 6Page - Extech Instruments Corporation. HD700 Datasheet HTML 7Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD700 V1.1 08/07
4
Basic Operation
Meter Power
The HD700 uses a 9V battery for power. If the meter does not switch on when the POWER
button is pressed or if the display shows BAT, replace the battery.
When the POWER buttons is pressed, the meter performs a short self-test and reverts to
the settings in place when the meter was last turned off.
Automatic Power-off Feature
In order to conserve battery life, the meter has an automatic power off feature (after 20
minutes). To defeat this feature, press and hold the HOLD button while turning the meter
on. Release the HOLD button when ‘n’ appears on the display. The meter will now remain
on until the user turns it off or until the battery weakens. Note that the Auto Power OFF
feature will be reactivated the next time the meter is turned off and then on.
Unit of Measure
Press the UNIT button to select the unit of measure. This meter offers eleven (11) units of
measure as listed below.
Unit of Measure
Display icon
Pounds per square inch
psi
Inches of Mercury
inHg
Milli-bar
mbar
Millimeters of Mercury
mmHg
Kilo-Pascals
kPa
Kilograms per centimeter squared
Kgcm
2
Inches of water
inH2O
Feet of water
ftH2O
Centimeters of water
cmH2O
Bars
Bar
Ounces per square inch
ozin
2
Fittings Connection
Connect tubing to the P1, P2 (or both) input port(s). If both inputs are used (differential
mode), the meter displays a positive pressure reading if the P1 pressure is greater than P2
and a negative reading if P2 is greater than P1.
Zero Adjust and Offset function
To ZERO the meter: Before use and without fittings attached to the meter, press and hold
the HOLD button for 3 seconds or until the display shows all zeroes.
To OFFSET meter readings: Press the DIF button while taking a measurement.
Subsequent readings will represent the difference between the current measurement and
the measurement that was on the display when the DIF button was pressed.


Similar Part No. - HD700

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
HD700 A-DATA-HD700 Datasheet
508Kb / 2P
   G Shock Sensor Protection
logo
Laird Tech Smart Techno...
HD700 LSTD-HD700 Datasheet
184Kb / 2P
   Thermal Gap Filler
More results

Similar Description - HD700

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
406850 EXTECH-406850 Datasheet
93Kb / 6P
   Differential Pressure Manometer
406800 EXTECH-406800_15 Datasheet
229Kb / 1P
   Differential Pressure Manometer
406800 EXTECH-406800 Datasheet
107Kb / 6P
   Differential Pressure Manometer
HD755 EXTECH-HD755 Datasheet
107Kb / 8P
   Heavy Duty Differential Pressure Manometer
407910 EXTECH-407910_15 Datasheet
161Kb / 1P
   Heavy Duty Differential Pressure Manometer
HD750 EXTECH-HD750 Datasheet
103Kb / 7P
   Heavy Duty Differential Pressure Manometer
407910 EXTECH-407910 Datasheet
267Kb / 7P
   Heavy Duty Differential Pressure Manometer
HD350 EXTECH-HD350 Datasheet
282Kb / 1P
   Pitot Tube Anemometer Differential Manometer
HD350 EXTECH-HD350_15 Datasheet
282Kb / 1P
   Pitot Tube Anemometer Differential Manometer
logo
Silicon Microstructures...
SM5391-BCE-S-001-001 SMI-SM5391-BCE-S-001-001 Datasheet
373Kb / 1P
   Differential Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com