Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

905D Datasheet(PDF) 2 Page - DDK Ltd.

Part # 905D
Description  SMA Type Single-Conductor Optical Connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

905D Datasheet(HTML) 2 Page - DDK Ltd.

  905D Datasheet HTML 1Page - DDK Ltd. 905D Datasheet HTML 2Page - DDK Ltd. 905D Datasheet HTML 3Page - DDK Ltd. 905D Datasheet HTML 4Page - DDK Ltd. 905D Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
905D Series
Unit : mm
905D-119-20□□-01-CF
SMA type optical connector designed for bundle and large-diameter fibers.
Other models for bundle fiber, etc., are also available.
905D-120-5000-CF
This adapter can be used commonly to the 905D and 906D Series plugs.
■Plug
■Adapter
1/4-36UNS
8.0
24.9
Dimension after polishing: 9.81 or less
Distance between opposite sides of a hexagon
Models for single-conductor plastic fibers
Connector parts
Diameter of
ferrule hole
Applicable fiber
diameter
Applicable outer
diameter of sheath
905D-119-2001-01-CF
1.05
1.0mm
    2.2mm
905D-119-2008-CF
0.8
0.75mm
    2.2mm
905D-119-2050-01-CF
0.55
0.5mm
    1.0mm
+0.03
-0
± 0.01
± 0.01
± 0.1
± 0.1
13.6
(3.9)
6.0
19.625 +0.02
0
1/4-36UNS
9.6
23.5
φ7.1
7.1
(in the case of
Distance between opposite sides of a hexagon
Reference dimensions of mounting holes
Panel thickness: 3.0 mm or less
fixing by turning)
2
905D


Similar Part No. - 905D

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
905DLR2R5K ILLINOISCAPACITOR-905DLR2R5K Datasheet
83Kb / 4P
   Super capacitor
More results

Similar Description - 905D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
MBO-PA-001-CF DDK-MBO-PA-001-CF Datasheet
313Kb / 5P
   Bayonet-Lock Type Single-Conductor Optical Connector
906D DDK-906D Datasheet
180Kb / 3P
   SMA Type Single-Channel Optical Connector Plug
SCD-PHR3-BL0-CF DDK-SCD-PHR3-BL0-CF Datasheet
359Kb / 7P
   SC Type Optical Fiber Connector
FCN-PD-095-CF DDK-FCN-PD-095-CF Datasheet
365Kb / 6P
   FC Type Optical-Fiber Connector
logo
Copal Electronics
JT30 COPAL-JT30 Datasheet
72Kb / 2P
   OPTICAL CONTACTLESS TYPE
JT22 COPAL-JT22 Datasheet
73Kb / 2P
   OPTICAL CONTACTLESS TYPE
logo
Toshiba Semiconductor
TOCA100 TOSHIBA-TOCA100 Datasheet
70Kb / 3P
   SIMPLEX TYPE OPTICAL ADAPTER
TOCA200 TOSHIBA-TOCA200 Datasheet
72Kb / 3P
   DUPLEX TYPE OPTICAL ADAPTER
TOCA150 TOSHIBA-TOCA150 Datasheet
69Kb / 3P
   SIMPLEX TYPE OPTICAL ADAPTER
logo
OPLINK Communications I...
S0188-TRPV3GER1C000E2G OPLINK-S0188-TRPV3GER1C000E2G Datasheet
271Kb / 5P
   Single Channel Optical Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com