Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC5673 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC5673
Description  Multimode LVD/SE SCSI 9 Line Terminator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5673 Datasheet(HTML) 3 Page - Texas Instruments

  UCC5673 Datasheet HTML 1Page - Texas Instruments UCC5673 Datasheet HTML 2Page - Texas Instruments UCC5673 Datasheet HTML 3Page - Texas Instruments UCC5673 Datasheet HTML 4Page - Texas Instruments UCC5673 Datasheet HTML 5Page - Texas Instruments UCC5673 Datasheet HTML 6Page - Texas Instruments UCC5673 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
UCC5673
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA =TJ = 0°C to 70°C,
TRMPWR = 2.7V to 5.25V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TRMPWR Supply Current Section
TRMPWR Supply Current
LVD Mode
23
35
mA
SE Mode
14
25
mA
DISCNCT Mode
250
500
µA
Regulator Section
1.25V Regulator Output Voltage
LVD Mode
1.15
1.25
1.35
V
1.25V Regulator Source Current
VREG= 0V
–800
–420
–225
mA
1.25V Regulator Sink Current
VREG= 3.3V
100
180
420
mA
2.7V Regulator Output Voltage
SE Mode
2.5
2.7
3.0
V
2.7V Regulator Source Current
VREG= 0V
–800
–420
–225
mA
2.7V Regulator Sink Current
VREG= 3.3V
100
180
420
mA
Diff Sense Driver (DIFSENS) Section
1.3V DIFSENS Output Voltage
DIFSENS
1.2
1.3
1.4
V
1.3V DIFSENS Source Current
VDIFSENS = 0V
–15
–5
mA
1.3V DIFSENS Sink Current
VDIFSENS = 2.75V
50
200
µA
Differential Termination Section
Differential Impedance
100
105
110
Common Mode Impedance
(Note 2)
110
150
165
Differential Bias Voltage
100
125
mV
Common Mode Bias
1.15
1.25
1.35
V
Output Capacitance
Single Ended Measurement to Ground (Note 1)
3
pF
Single Ended Termination Section
Impedance
Z
VL
V
IL
X
X
=
(.
)
02
, (Note 3)
100
108
116
Termination Current
Signal Level 0.2V, All Lines Low
–25.4
–23
–20
mA
Signal Level 0.5V
–22.4
–17
mA
Output Leakage
400
nA
Output Capacitance
Single Ended Measurement to Ground (Note 1)
3
pF
Single Ended GND SE Impedance
I = 10mA
20
60
Disconnect (DISCNCT) and Diff Buffer (DIFFB) Input Section
DISCNCT Threshold
0.8
2.0
V
DISCNCT Input Current
–30
–10
µA
DIFFB SE to LVD Threshold
0.5
0.7
V
DIFFB LVD to HPD Threshold
1.9
2.4
V
DIFFB Input Current
–1
1
µA


Similar Part No. - UCC5673

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5673 TI1-UCC5673 Datasheet
73Kb / 8P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5673PWP TI1-UCC5673PWP Datasheet
73Kb / 8P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5673 TI1-UCC5673_15 Datasheet
73Kb / 8P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
More results

Similar Description - UCC5673

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5673 TI1-UCC5673_15 Datasheet
73Kb / 8P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672 TI1-UCC5672_16 Datasheet
789Kb / 14P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672 TI-UCC5672 Datasheet
49Kb / 6P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
   9-Line ULTRA3 LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
AR7519 ETC1-AR7519 Datasheet
660Kb / 2P
   Ultra Multimode LVD/SE SCSI Terminator
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
   9-Line LVD SCSI Terminator
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
   9 - LINE LVD SCSI TERMINATOR
logo
Texas Instruments
UCC5630 TI-UCC5630 Datasheet
59Kb / 5P
[Old version datasheet]   Low Voltage Differential LVD/SE SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255_06 Datasheet
221Kb / 7P
   9-Line LVD SCSI Terminator
logo
Texas Instruments
UCC5510 TI-UCC5510 Datasheet
40Kb / 4P
[Old version datasheet]   Low Voltage Differential LVD/SE SCSI 9 Line Terminator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com