Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BBS-1080S Datasheet(PDF) 14 Page - BOSER Technology Co., Ltd

Part # BBS-1080S
Description  19??1U Height Half-size Bare Bone System with Pentium 4 Embedded Engine Board & 180W P4 ATX P/S
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BBS-1080S Datasheet(HTML) 14 Page - BOSER Technology Co., Ltd

Back Button BBS-1080S Datasheet HTML 10Page - BOSER Technology Co., Ltd BBS-1080S Datasheet HTML 11Page - BOSER Technology Co., Ltd BBS-1080S Datasheet HTML 12Page - BOSER Technology Co., Ltd BBS-1080S Datasheet HTML 13Page - BOSER Technology Co., Ltd BBS-1080S Datasheet HTML 14Page - BOSER Technology Co., Ltd BBS-1080S Datasheet HTML 15Page - BOSER Technology Co., Ltd BBS-1080S Datasheet HTML 16Page - BOSER Technology Co., Ltd BBS-1080S Datasheet HTML 17Page - BOSER Technology Co., Ltd BBS-1080S Datasheet HTML 18Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
6
This page intentionally left blank.


Similar Part No. - BBS-1080S

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
BBS-108-T-A SAMTEC-BBS-108-T-A Datasheet
417Kb / 1P
   MACHINED BOARD STACKING STRIPS
BBS-108-T-A SAMTEC-BBS-108-T-A Datasheet
417Kb / 1P
   MACHINED BOARD STACKING STRIPS
BBS-108-T-A SAMTEC-BBS-108-T-A Datasheet
417Kb / 1P
   MACHINED BOARD STACKING STRIPS
BBS-108-T-A SAMTEC-BBS-108-T-A Datasheet
417Kb / 1P
   MACHINED BOARD STACKING STRIPS
More results

Similar Description - BBS-1080S

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BBS-2002 BOSER-BBS-2002 Datasheet
420Kb / 16P
   1U High, Small Box Bare Bone System
RC-147 BOSER-RC-147 Datasheet
178Kb / 1P
   Half-size Wallmount Chassis with 4-slot Backplane, 180W ATX P/S Provides PICMG1.3 Half-size Backplane
RC-150 BOSER-RC-150 Datasheet
103Kb / 1P
   Half-size Wallmount Chassis with 5-slot Backplane & 24V/48V 180W ATX P/S
BPC-6690 BOSER-BPC-6690_1 Datasheet
1Mb / 24P
   19??Industrial Panel PC with MainBoard, Touch Screen 180W ATX P/S
BPC-6690 BOSER-BPC-6690 Datasheet
213Kb / 1P
   19" High Speed Panel PC with MainBoard, Touch Screen, 180W ATX P/S
BBS-2520 BOSER-BBS-2520_1 Datasheet
630Kb / 30P
   Small Box Bare Bone System
BPC-9219-Z BOSER-BPC-9219-Z Datasheet
215Kb / 1P
   19 Panel PC with Touch Screen, Core 2 Duo, 4 COM, 4 USB, 180W ATX P/S
BPC-9219-F BOSER-BPC-9219-F Datasheet
596Kb / 1P
   19 Panel PC with Touch Screen, Atom N550, 2 COM, 4 USB, 180W ATX P/S
BPC-9219-Q BOSER-BPC-9219-Q Datasheet
588Kb / 1P
   19 Panel PC with Touch Screen, Core Duo, 4 COM, 6 USB, 180W ATX P/S
BPC-9219-O BOSER-BPC-9219-O Datasheet
587Kb / 1P
   19 Panel PC with Touch Screen, Core 2 Duo, 4 COM, 6 USB, 180W ATX P/S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com