Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

480300 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # 480300
Description  Phase Rotation Tester
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

480300 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  480300 Datasheet HTML 1Page - Extech Instruments Corporation. 480300 Datasheet HTML 2Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
480300
Ver. 1.5 4/01
User's Manual
Phase Rotation Tester
Model 480300
Introduction
Congratulations on your purchase of Extech’s Phase Rotation Tester. This professional
meter, with proper care, will provide years of safe reliable service.
Specifications
Signal Input Voltage
100VAC up to 660VAC max., 3 minute limit over 500VAC.
Signal Frequency Range
45 to 70 Hz.
Circuit Structure
All electronic
Operating Temperature
0oC to 50oC (32oF to 122oF)
Operating Humidity
Less than 90% RH.
Fuse Rating
250mA / 250V
Power Supply
Uses connection to external equipment for power
Power Consumption
approx. 7mA @ 500V.
Dimension
3.9 x 1.9 x 1.0” (100 x 50 x 25mm)
Weight
0.33 lbs. (150g)
Standard Accessories
40cm test leads with alligator clips and Instruction Manual
Operation
The Phase Rotation function determines if the 3 phases are live and the
direction a motor will turn if connected as indicated in Table 1 below.
1.
Connect the three test leads to the 3 phase AC power source
2.
Observe that all three lights (L1, L2, L3) are active
3.
Observe the directional indication lights.
4.
If the direction indicated is counter-clockwise, reconnect any
two wires until the clockwise indicator is lighted.
5.
If the clockwise indicator is lighted, label the power source
"L1, L2, L3" (R, S, T)
L1 L2
L3
R
S
T


Similar Part No. - 480300

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
480303 EXTECH-480303 Datasheet
163Kb / 2P
   Motor Rotation and 3-Phase Tester
More results

Similar Description - 480300

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
480403 EXTECH-480403 Datasheet
161Kb / 7P
   Phase Sequence and Motor Rotation Tester
480303 EXTECH-480303 Datasheet
163Kb / 2P
   Motor Rotation and 3-Phase Tester
380974 EXTECH-380974 Datasheet
213Kb / 1P
   AC Clamp Meter Phase Rotation Tester
logo
List of Unclassifed Man...
PRM-3 ETC2-PRM-3 Datasheet
444Kb / 1P
   PRM-2 PRM-3 Phase Sequence & Motor Rotation Tester
logo
Extech Instruments Corp...
480400 EXTECH-480400 Datasheet
131Kb / 6P
   Phase Sequence Tester
480400 EXTECH-480400_15 Datasheet
150Kb / 1P
   Phase Sequence Tester
MA640-K EXTECH-MA640-K Datasheet
597Kb / 1P
   Phase Rotation/Clamp Meter Test Kit
PRT200 EXTECH-PRT200 Datasheet
208Kb / 1P
   Non-Contact Phase Sequence Tester
logo
Tyco Electronics
E-326 MACOM-E-326 Datasheet
30Kb / 1P
   Phase Rotation Sensor 1 Amp, 115 VAC
logo
Pepperl+Fuchs Inc.
KFA5-DWB-EX1.D PF-KFA5-DWB-EX1.D Datasheet
1Mb / 5P
   Rotation Speed Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com