Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

422123 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # 422123
Description  Precision Multifunction Calibrator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

422123 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  422123 Datasheet HTML 1Page - Extech Instruments Corporation. 422123 Datasheet HTML 2Page - Extech Instruments Corporation. 422123 Datasheet HTML 3Page - Extech Instruments Corporation. 422123 Datasheet HTML 4Page - Extech Instruments Corporation. 422123 Datasheet HTML 5Page - Extech Instruments Corporation. 422123 Datasheet HTML 6Page - Extech Instruments Corporation. 422123 Datasheet HTML 7Page - Extech Instruments Corporation. 422123 Datasheet HTML 8Page - Extech Instruments Corporation. 422123 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
V3.0
5/09
5
Advanced Functions
Programming an Output in Percent (Current and Voltage Outputs Only)
Output values can also be programmed in percent. For example, a 4 to 20mA output can
be programmed as follows: 0% = 4mA, 50% = 12mA, and 100% = 20mA. The main LCD
digits will reflect the actual output while the top (smaller) digits will display the percentage.
Follow these steps to output a signal in percent:
1. Setup a test as described earlier for a current or voltage output.
2. Press the SHIFT button so that the word SHIFT appears on the LCD.
3. Press the % key.
4. Enter a percentage from 0 to 100% (1% resolution) using the numeric keys.
5. Press the ENTER key.
6. The current or voltage signal will be output from the meter.
7. 0% corresponds to the lowest value in the range ('4mA' for 4 to 20mA, '0mV' for 0 to
100mV, for example.) while 100% corresponds to the highest value in the output range
('20mA' for 4 to 20mA range, '100mV' for 0 to 100mV range). All percentages in
between will be linear to the voltage or current ranges.
8. Refer to the list below for the 1% step value for each range:
4 to 20mA:
1% = 0.16mA
0 to 20mA:
1% = 0.2mA
0 to 24mA:
1% = 0.24mA
0 to 100mV:
1% = 1mV
0 to 1V:
1% = 0.01V
0 to 12V:
1% = 0.12V
Step Mode (Current and Voltage Outputs Only)
This feature allows the user to step up and down through the output range in programmed
steps as follows:
1. Setup a test as described earlier for a current or voltage output.
2. Press the SHIFT key and then the % key.
3. Enter a percentage (1 to 100%) using the numeric keys. This percentage will represent
the size of each step. Press the ENTER key when complete.
4. Now each time the '8 %
' key is pressed, the output signal will be increased by the
percentage programmed (in the previous step). Press the '0 %
' key to step the
output down by the percentage programmed.
5. For example, for a 4 to 20mA output type and a step percentage of 25%, the following
steps are possible:
0% = 4mA
25% = 8mA
50% = 12mA
75% = 16mA
100% = 20mA


Similar Part No. - 422123

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
42212C MURATA-42212C Datasheet
138Kb / 3P
   Toroidal Surface Mount Inductors
More results

Similar Description - 422123

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
412400 EXTECH-412400 Datasheet
133Kb / 8P
   Multifunction Process Calibrator
412400 EXTECH-412400_15 Datasheet
216Kb / 1P
   Oyster짰 Multifunction Process Calibrator
PRC30 EXTECH-PRC30 Datasheet
101Kb / 2P
   PRC30 Multifunction Process Calibrator
logo
E+E Elektronik Ges.m.b....
HUMOR20 EPLUSE-HUMOR20 Datasheet
2Mb / 9P
   High Precision Humidity Calibrator
04-2023
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
   Voltage Calibrator
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
   Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
   Dynamic Calibrator
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
Extech Instruments Corp...
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
   Process Calibrator MultiMeter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com