Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC5614 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC5614
Description  9-Line 3-5 Volt Low Capacitance SCSI Active Terminator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5614 Datasheet(HTML) 2 Page - Texas Instruments

  UCC5614 Datasheet HTML 1Page - Texas Instruments UCC5614 Datasheet HTML 2Page - Texas Instruments UCC5614 Datasheet HTML 3Page - Texas Instruments UCC5614 Datasheet HTML 4Page - Texas Instruments UCC5614 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UCC5614
The power amplifier output stage allows the UCC5614 to
source full termination current and sink active negation
current when all termination lines are actively negated.
The UCC5614 is pin for pin compatible with Unitrode’s
other 9 line SCSI terminators, allowing lower capacitance
and lower voltage upgrades to existing systems. The
UCC5614, as with all Unitrode terminators, is completely
hot pluggable and appears as high impedance at the ter-
minating channels with VTRMPWR = 0V or open.
Internal circuit trimming is utilized, first to trim the 110
ohm termination impedance to a 7% tolerance, and then
most importantly, to trim the output current to a 4% toler-
ance, as close to the max SCSI-3 spec as possible,
which maximizes noise margin in fast SCSI operation.
Other features include thermal shutdown and current
limit.
This device is offered in low thermal resistance versions
of the industry standard 16 pin narrow body SOIC, 16 pin
ZIP (Zig-Zag In Line package), 24 pin TSSOP and 28 pin
PLCC.
ABSOLUTE MAXIMUM RATINGS
Termpwr Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7V
Signal Line Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to +7V
Regulator Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 0.6A
Storage Temperature . . . . . . . . . . . . . . . . . . .
−−65°C to +150°C
Operating Temperature . . . . . . . . . . . . . . . . .
−−55°C to +150°C
Lead Temperature (Soldering, 10 Sec.) . . . . . . . . . . . . . +300°C
RECOMMENDED OPERATING CONDITIONS
Termpwr Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.25V
Signal Line Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to +5V
Disconnect Input Voltage . . . . . . . . . . . . . . . . . . 0V to Termpwr
Description Continued
Unless otherwise specified all voltages are with respect to
Ground. Currents are positive into, negative out of the speci-
fied terminal.
Consult Packaging Section of Unitrode Integrated Circuits dat-
abook for thermal limitations and considerations of packages.
CONNECTION DIAGRAMS
DIL-16 (Top View)
N or J Package
ZIP-16 (Top View)
Z Package
Note: Drawings are not to scale.
2


Similar Part No. - UCC5614

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5614 TI1-UCC5614 Datasheet
336Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614DP TI1-UCC5614DP Datasheet
336Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614DPG4 TI-UCC5614DPG4 Datasheet
332Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614DPG4 TI1-UCC5614DPG4 Datasheet
336Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614N TI1-UCC5614N Datasheet
336Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
More results

Similar Description - UCC5614

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5614 TI1-UCC5614_14 Datasheet
336Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614DPG4 TI-UCC5614DPG4 Datasheet
332Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5610 TI1-UCC5610_14 Datasheet
238Kb / 8P
[Old version datasheet]   18-LINE 3-5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5610 TI-UCC5610 Datasheet
243Kb / 5P
[Old version datasheet]   18-Line 3-5 Volt Low Capacitance SCSI Active Terminator
UC5604 TI-UC5604 Datasheet
244Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5612 TI-UC5612 Datasheet
279Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5613 TI-UC5613 Datasheet
244Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5604DP TI-UC5604DP Datasheet
202Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5605 TI-UC5605 Datasheet
245Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UCC5606 TI-UCC5606 Datasheet
383Kb / 5P
[Old version datasheet]   9-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com