Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC5606 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC5606
Description  9-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

UCC5606 Datasheet(HTML) 4 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UCC5606
Note 1: Measuring each termination line while other 8 are low (0.2V).
Note 2: Guaranteed by design. Not 100% tested in production.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Regulator Section (cont.)
Short Circuit Current
VREG = 0V
−−200
−−400
−−800
mA
Sinking Current Capability
VREG = 3V
200
400
800
mA
Thermal Shutdown
(Note 2)
170
°C
Thermal Shutdown Hysteresis
(Note 2)
10
°C
Disconnect Section
Disconnect Threshold
RDISCNCT = 0 & 80k
0.8
1.5
2.0
V
Input Current
DISCNCT = 3.3V
30
50
µA
ELECTRICAL CHARACTERISTICS (cont.) Unless otherwise stated, these specifications apply for TA=0°C to 70°C.
TRMPWR = 3.3V, DISCNCT = 3.3V, RDISCNCT = 0 ohms. TA = TJ.
Figure 1: Typical SCSI Bus Configurations Utilizing 2 UCC5606 Devices
Figure 2: Typical Wide SCSI Bus Configurations Utilizing 3 UCC5606 Devices.
APPLICATION INFORMATION
UDG-94068
UDG-94069
UNITRODE INTEGRATED CIRCUITS
7 CONTINENTAL BLVD.
• MERRIMACK, NH 03054
TEL. (603) 424-2410
• FAX (603) 424-3460
4


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn