Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC5606 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC5606
Description  9-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

UCC5606 Datasheet(HTML) 3 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UCC5606
Note: Drawings are not to scale.
DIL-16 (Top View)
N or J Package
CONNECTION DIAGRAMS (cont.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current Section
Termpwr Supply Current
All termination lines = Open
1
2
mA
All termination lines = 0.2V
210
218
mA
Power Down Mode
DISCNCT = 0V
0.5
5
µA
Output Section (110 ohms - Terminator Lines)
Terminator Impedance
102.3
110
117.7
Ohms
Output High Voltage
TRMPWR = 3V (Note 1)
2.5
2.7
3.0
V
Max Output Current
VLINE = 0.2V, TJ = 25
°C
−−22.1
−−23
−−24
mA
VLINE = 0.2V
−−21
−−23
−−24
mA
VLINE = 0.2V, TRMPWR = 3V, TJ = 25
°C (Note 1)
−−20.2
−−23
−−24
mA
VLINE = 0.2V, TRMPWR = 3V (Note 1)
−−19
−−23
−−24
mA
VLINE = 0.5V
−−22.4
mA
Output Leakage
DISCNCT = 0V, TRMPWR = 0V to 5.25V
10
400
nA
Output Capacitance
DISCNCT = 0V, DP Package (Note 2)
1.8
2.5
pF
Output Section (2.5k ohms - Terminator Lines) (RDISCNCT = 80k ohms)
Terminator Impedance
22.5
3
k
Output High Voltage
TRMPWR = 3V (Note 1)
2.5
2.7
3.0
V
Max Output Current
VLINE = 0.2V
−−0.7
−−1
−−1.4
mA
VLINE = 0.2V, TRMPWR = 3V (Note 1)
−−0.6
−−1
−−1.5
mA
Output Leakage
DISCNCT = 0V, TRMPWR = 0 to 5.25V
10
400
nA
Output Capacitance
DISCNCT = 0V, DP Package (Note 2)
1.8
2.5
pF
Regulator Section
Regulator Output Voltage
5.25V > TRMPWR > 3V
2.5
2.7
3.0
V
Drop Out Voltage
All Termination Lines = 0.2V
0.1
0.2
V
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA = 0°C to 70°C.
TRMPWR = 3.3V, DISCNCT = 3.3V, RDISCNCT = 0 ohms. TA = TJ.
3


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn