Electronic Components Datasheet Search |
|
42582 Datasheet(PDF) 4 Page - Extech Instruments Corporation. |
|
42582 Datasheet(HTML) 4 Page - Extech Instruments Corporation. |
4 / 14 page Model 42582 Version 6.0 Sept 2007 4 IR non-contact Measurements 1. Turn the instrument ON. 2. Press the F1 MEAS softkey from the WELCOME screen to enter the measurement mode 3. Point the meter at the surface to be measured. 4. Press and hold the ON button to take a reading while pointing toward the target. 5. Press F3 LASER during measurements to turn the laser pointer ON or OFF. The icon appears when the laser is on. Note that if the Laser is disabled in the SETUP mode, it will not light. Refer to the SETUP section to enable the Laser function.. 6. Release the ON key to hold the measurement on the LCD when the measurement session is finished. 7. Press F4 PRN to print the reading. Use the LINE FEED button to advance the paper. 8. Press F1 EXIT to return to the WELCOME screen. Contact Measurements using the Remote Temperature Probe 1. Plug the external probe into the probe jack on the side of the meter. 2. Turn the instrument ON. 3. Press the F1 MEAS softkey from the WELCOME screen to enter the measurement mode 4. Touch the probe to the surface under test. 5. Read the temperature on the LCD next to EXT (external) 6. To use the probe to find an emissivity setting for a particular surface, take an IR measurement and a probe measurement of the same surface, noting the readings. Then adjust the emissivity so that both the IR and the contact probe readings match. Now the emissivity is properly set for that particular surface. IR readings of that surface will be of the highest accuracy possible with this instrument. 7. Press F4 PRN to print the reading. Use the LINE FEED button to advance the paper. 8. Press F1 EXIT to return to the WELCOME screen. Note: The CALI softkey is used to calibrate the external temperature probe to the meter. If this feature is accidentally entered, press and hold the EXIT softkey to exit the mode. A calibration procedure and probe calibration data is required to perform this procedure. Ext: 35.7 o C IR: 35.7 o C 07-14 03:49:34 Sample Printout |
Similar Part No. - 42582 |
|
Similar Description - 42582 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |