Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42582 Datasheet(PDF) 9 Page - Extech Instruments Corporation.

Part # 42582
Description  IR Thermometer Printer / Datalogger with External Contact Probe
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

42582 Datasheet(HTML) 9 Page - Extech Instruments Corporation.

Back Button 42582 Datasheet HTML 5Page - Extech Instruments Corporation. 42582 Datasheet HTML 6Page - Extech Instruments Corporation. 42582 Datasheet HTML 7Page - Extech Instruments Corporation. 42582 Datasheet HTML 8Page - Extech Instruments Corporation. 42582 Datasheet HTML 9Page - Extech Instruments Corporation. 42582 Datasheet HTML 10Page - Extech Instruments Corporation. 42582 Datasheet HTML 11Page - Extech Instruments Corporation. 42582 Datasheet HTML 12Page - Extech Instruments Corporation. 42582 Datasheet HTML 13Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Model 42582 Version 6.0 Sept 2007
9
Field of View
The meter’s field of view is 8:1, meaning that if the meter is 8 inches from the target, the
diameter of the measurement spot (target) is 1 inch. Other distances and spot sizes are
shown below in the field of view diagram. Refer to the chart printed on the meter also for
more information.
IR Measurement Notes
1. The object under test should be larger than the spot (target) size (use the diagram
above and the diagram printed on the side of the meter to calculate the spot size).
2. If the surface of the object under test is covered with frost, oil, grime, etc., clean before
taking measurements.
3. If an object's surface is highly reflective apply masking tape or flat black paint before
measuring.
4. The meter may not measure accurately through transparent surfaces such as glass.
5. Steam, dust, smoke, etc. will affect measurements.
6. The meter compensates for deviations in ambient temperature. It can, however, take
up to 30 minutes for meter to adjust to extremely wide ambient temperature changes.
7. To find a hot spot, aim the meter outside the area of interest then scan across (in an up
and down motion) until the hot spot is located.
0.5”
32”
4”
16”
2”
8”
1”
4”
Diameter of Spot
Distance from Object
Laser pointer


Similar Part No. - 42582

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
4258 KEYSTONE-4258 Datasheet
208Kb / 1P
   CLEAR THRU-HOLE SPACER
2.12.98
logo
Heyco.
4258 HEYCO-4258 Datasheet
93Kb / 1P
   Drive Fasteners
More results

Similar Description - 42582

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD200 EXTECH-HD200 Datasheet
396Kb / 10P
   Differential Thermometer Datalogger
42560 EXTECH-42560 Datasheet
253Kb / 12P
   InfraRed (IR) Thermometer with Wireless Datalogger, Type K input & Laser Pointer
RPM10 EXTECH-RPM10 Datasheet
176Kb / 8P
   Laser Photo / Contact Tachometer with IR Thermometer
IR200 EXTECH-IR200 Datasheet
171Kb / 8P
   Non-contact Forehead IR Thermometer
EA20 EXTECH-EA20 Datasheet
214Kb / 5P
   Digital Hygro-Thermometer and Datalogger
EA25 EXTECH-EA25 Datasheet
286Kb / 6P
   EasyView Digital Hygro-Thermometer Datalogger
logo
TT Electronics.
DS3103 TTELEC-DS3103 Datasheet
392Kb / 1P
   IR Thermometer
logo
Melexis Microelectronic...
MLX90615SSG MELEXIS-MLX90615SSG Datasheet
1Mb / 2P
   Ultra Small, Intelligent Non Contact IR Thermometer
logo
Extech Instruments Corp...
42500 EXTECH-42500 Datasheet
152Kb / 1P
   Mini IR Thermometer
421509 EXTECH-421509 Datasheet
187Kb / 12P
   Dual Input, 3-Display Thermometer/Datalogger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com