Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42515 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # 42515
Description  Wide Range InfraRed (IR) Thermometer with Type K input and Laser Pointer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

42515 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  42515 Datasheet HTML 1Page - Extech Instruments Corporation. 42515 Datasheet HTML 2Page - Extech Instruments Corporation. 42515 Datasheet HTML 3Page - Extech Instruments Corporation. 42515 Datasheet HTML 4Page - Extech Instruments Corporation. 42515 Datasheet HTML 5Page - Extech Instruments Corporation. 42515 Datasheet HTML 6Page - Extech Instruments Corporation. 42515 Datasheet HTML 7Page - Extech Instruments Corporation. 42515 Datasheet HTML 8Page - Extech Instruments Corporation. 42515 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Model 42515 V4.1 1/08
3
Meter Description
1.
Laser pointer
2.
IR Sensor
3.
Measurement Trigger
4.
Battery and Switch compartment
5.
LCD Display
6.
Function Buttons
7.
Type-K thermocouple
8.
Temperature units (
oC or oF) switch
9.
Test lock ON / OFF switch
10. Alarm ON / OFF switch
Note that switches are located in the battery compartment behind the battery.
1
2
3
4
8


Similar Part No. - 42515

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
4251 ASM-SENSOR-4251 Datasheet
4Mb / 12P
   HIGH-END- und HIGH-PERFORMANCE-MULTIMETER
logo
Heyco.
4251 HEYCO-4251 Datasheet
93Kb / 1P
   Drive Fasteners
logo
Extech Instruments Corp...
42510 EXTECH-42510 Datasheet
161Kb / 4P
   Wide Range Mini InfraRed Thermometer with Laser Pointer
logo
Tyco Electronics
42510-1 MACOM-42510-1 Datasheet
944Kb / 22P
   FASTON Receptacles
42510-2 MACOM-42510-2 Datasheet
944Kb / 22P
   FASTON Receptacles
More results

Similar Description - 42515

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
42560 EXTECH-42560 Datasheet
253Kb / 12P
   InfraRed (IR) Thermometer with Wireless Datalogger, Type K input & Laser Pointer
42510 EXTECH-42510 Datasheet
161Kb / 4P
   Wide Range Mini InfraRed Thermometer with Laser Pointer
42510A EXTECH-42510A Datasheet
210Kb / 10P
   Wide Range Mini InfraRed Thermometer with Laser Pointer
42529 EXTECH-42529 Datasheet
109Kb / 4P
   InfraRed Thermometer with Laser Pointer
42530 EXTECH-42530 Datasheet
138Kb / 4P
   High Temperature InfraRed Thermometer with Laser Pointer
42540A EXTECH-42540A Datasheet
332Kb / 8P
   High Temperature InfraRed Thermometer with Laser Pointer
42545A EXTECH-42545A Datasheet
161Kb / 8P
   High Temperature InfraRed Thermometer with Laser Pointer
42535 EXTECH-42535 Datasheet
92Kb / 4P
   Mini IR Thermometer with Type K Input
42511 EXTECH-42511 Datasheet
306Kb / 11P
   Dual Laser InfraRed (IR) Thermometer
42512 EXTECH-42512 Datasheet
213Kb / 10P
   Dual Laser InfraRed (IR) Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com