Electronic Components Datasheet Search |
|
LTC2634HUD-LMX12 Datasheet(PDF) 6 Page - Linear Technology |
|
LTC2634HUD-LMX12 Datasheet(HTML) 6 Page - Linear Technology |
6 / 28 page LTC2634 6 2634f ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified. LTC2634-LMI12/-LMI10/-LMI8/-LMX12/-LMX10/-LMX8/-LZ12/-LZ10/-LZ8 (VFS = 2.5V) SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS Reference Input VREF Input Voltage Range l 1VCC V Resistance l 120 160 200 kΩ Capacitance 14 pF IREF Reference Current, Power-Down Mode DAC Powered Down l 0.005 0.1 μA Reference Output Output Voltage l 1.24 1.25 1.26 V Reference Temperature Coefficient ±10 ppm/°C Output Impedance 0.5 kΩ Capacitive Load Driving 10 μF Short-Circuit Current VCC = 5.5V, REF Shorted to GND 2.5 mA Digital I/O VIH Digital Input High Voltage VCC = 3.6V to 5.5V VCC = 2.7V to 3.6V l l 2.4 2.0 V V VIL Digital Input Low Voltage VCC = 4.5V to 5.5V VCC = 2.7V to 4.5V l l 0.8 0.6 V V VOH Digital Output High Voltage Load Current = –100μA l VCC – 0.4 V VOL Digital Output Low Voltage Load Current = 100μA l 0.4 V ILK Digital Input Leakage VIN = GND to VCC l ±1 μA CIN Digital Input Capacitance (Note 8) l 2.5 pF AC Performance tS Settling Time VCC = 3V (Note 9) ±0.39% (±1LSB at 8 Bits) ±0.098% (±1LSB at 10 Bits) ±0.024% (±1LSB at 12 Bits) 3.3 3.8 4.2 μs μs μs Voltage Output Slew Rate 1.0 V/μs Capacitive Load Driving 500 pF Glitch Impulse At Mid-Scale Transition 2.1 nV•s DAC-to-DAC Crosstalk 1 DAC Held at FS, 1 DAC Switch 0 – FS 2.1 nV•s Multiplying Bandwidth External Reference 320 kHz en Output Voltage Noise Density At f = 1kHz, External Reference At f = 10kHz, External Reference At f = 1kHz, Internal Reference At f = 10kHz, Internal Reference 180 160 200 180 nV/√Hz nV/√Hz nV/√Hz nV/√Hz Output Voltage Noise 0.1Hz to 10Hz, External Reference 0.1Hz to 10Hz, Internal Reference 0.1Hz to 200kHz, External Reference 0.1Hz to 200kHz, Internal Reference CREF = 0.1μF 35 40 680 730 μVP-P μVP-P μVP-P μVP-P |
Similar Part No. - LTC2634HUD-LMX12 |
|
Similar Description - LTC2634HUD-LMX12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |