Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

96VTR Datasheet(PDF) 9 Page - Extech Instruments Corporation.

Part # 96VTR
Description  1/4 DIN Process Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

96VTR Datasheet(HTML) 9 Page - Extech Instruments Corporation.

Back Button 96VTR Datasheet HTML 5Page - Extech Instruments Corporation. 96VTR Datasheet HTML 6Page - Extech Instruments Corporation. 96VTR Datasheet HTML 7Page - Extech Instruments Corporation. 96VTR Datasheet HTML 8Page - Extech Instruments Corporation. 96VTR Datasheet HTML 9Page - Extech Instruments Corporation. 96VTR Datasheet HTML 10Page - Extech Instruments Corporation. 96VTR Datasheet HTML 11Page - Extech Instruments Corporation. 96VTR Datasheet HTML 12Page - Extech Instruments Corporation. 96VTR Datasheet HTML 13Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
96VTR
Ver. 2.0 11/99
HiLt: High limit (of Span or Range). Set High Limit higher than the highest expected SV
and PV display. Note that the high limit setting is limited by the range of the type
of input used (refer to Section 2.2 for ranges).
9. PARAMETERS IN THE FOURTH PROGRAMMING LEVEL
Press and hold the SCROLL and RETURN keys simultaneously for 5 seconds to enter
this level from the previous programming level. To return to normal operation at any
time, press the RETURN key.
LoCA and HiCA: Low and High Input Calibration values used for engineering units
scaling. Refer to Section 9.1 below for details.
tunE: Auto-tuning ‘automatic initialization mode’ selection. Select the criteria by which
the controller initiates an automatic Auto Tune session. Set this parameter as
desired from the Table in Section 9.2. To activate Auto Tune manually, refer
to Section 9.2.
9.1. CALIBRATION
Important Note: Special equipment is required to perform calibrations. Do not initiate
the calibration process unless fully prepared to do so.
a.
"LoCA" (Low Calibration) is the first parameter to appear in this level.
b.
For temperature inputs, connect a Thermocouple (mV) or RTD (resistance)
simulator to the controller's input terminals. For a process DC input, use a 4-20mA
or 1-5VDC signal, depending on the input type of the controller.
c.
Apply the low input signal to the controller which corresponds to the range you are
using, i.e., for 4-20 mA inputs, 4 mA would now be applied to the controller.
d.
Use the UP/DOWN arrow keys to set the value which will display when a 4mA
signal is applied to the controller. For example, for a 4-20mA unit to display from –
50 to +150, set ‘LoCA” to –50.
e.
Press and hold the RETURN key for at least 5 seconds and the parameter on the
display will change from "LoCA" to "HiCA" (High Calibration). The Low Calibration
value is now written into the controller's non-volatile memory.
f.
Apply the high input signal to the controller which corresponds to the range you are
using. For example, for a 4-20mA input controller, apply a 20mA signal.
g.
Use the UP/DOWN arrow keys to set the value which will display when a 20mA
signal is applied to the controller. For example, for a 4-20mA unit to display from –
50 to +150, set ‘LoCA” to +150.
h.
Press and hold the RETURN key for at least 5 seconds. The display will change
from "LoCA" to "SP". The High Calibration value is now written into the controller's
non-volatile memory.
i.
Input a signal midway between the Low and High Calibration signals previously
applied (12mA in the example for a 4-20mA input) and verify that the display shows
a value midway between the high display and the low display. For the example
above, for a -50 to +150 display range, a 12mA input will display +50. If not, try the
calibration procedure again.
j.
Press the RETURN key when complete to return to normal operation.
9.2 AUTO TUNING
9.2.1 Auto Tune Initialization Modes
The Controller has the capability to start an Auto Tune session automatically. If this is
desired, select the conditions whereby an Auto Tune session will automatically begin
from Table III below. The controller defaults to Setting = ‘0’ (user initiates an Auto Tune
session). To manually initiate an Auto Tune session follow the procedure in Section
9.2.2.


Similar Part No. - 96VTR

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
96VFL11 EXTECH-96VFL11 Datasheet
134Kb / 1P
   Temperature PID Controllers
96VFL11 EXTECH-96VFL11_15 Datasheet
134Kb / 1P
   Temperature PID Controllers
96VFL13 EXTECH-96VFL13 Datasheet
134Kb / 1P
   Temperature PID Controllers
96VFL13 EXTECH-96VFL13_15 Datasheet
134Kb / 1P
   Temperature PID Controllers
logo
Advantech Co., Ltd.
96VG-128M-PE-MA ADVANTECH-96VG-128M-PE-MA Datasheet
639Kb / 2P
   4U Rackmount Intel Xeon E5-2600
More results

Similar Description - 96VTR

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
48VTR EXTECH-48VTR Datasheet
233Kb / 14P
   1/16 DIN Process Controller
logo
Red Lion Controls. Inc
P4811110 REDLION-P4811110 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811112 REDLION-P4811112 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4810000 REDLION-P4810000 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
logo
Extech Instruments Corp...
48PH EXTECH-48PH Datasheet
185Kb / 1P
   pH Controller 1/16 DIN
logo
TT Electronics.
DS3020 TTELEC-DS3020 Datasheet
315Kb / 2P
   Temperature & Process Controller
logo
Red Lion Controls. Inc
T4810117 REDLION-T4810117 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4820000 REDLION-T4820000 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T481010A REDLION-T481010A Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4811103 REDLION-T4811103 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com