Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

57-50S Datasheet(PDF) 6 Page - DDK Ltd.

Part # 57-50S
Description  Basic Version of Ribbon Connectors Solder Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

57-50S Datasheet(HTML) 6 Page - DDK Ltd.

Back Button 57-50S Datasheet HTML 2Page - DDK Ltd. 57-50S Datasheet HTML 3Page - DDK Ltd. 57-50S Datasheet HTML 4Page - DDK Ltd. 57-50S Datasheet HTML 5Page - DDK Ltd. 57-50S Datasheet HTML 6Page - DDK Ltd. 57-50S Datasheet HTML 7Page - DDK Ltd. 57-50S Datasheet HTML 8Page - DDK Ltd. 57-50S Datasheet HTML 9Page - DDK Ltd. 57-50S Datasheet HTML 10Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
>
5 >
4A>F!@@
8 4.%!,%*%#%.1!#*%3(1'./(,&*!1#'%0
.BB;
$BAF68FE
2B?9:D8GCFKC:
%>CEB?9:D
2>L:
"
#
$
%





 












 










"25 2

"25 2 1
"25 2 1


:
:
2B?9:D8GCFKC:
%>CEB?9:D
"25 2 1
<0-12/)
# 0&8
#
: 
*6)4 "/&6-1+ & 6,27+, ,2/)
<
2/)
<
2/)
:
# 0&8
$ ! ! 
#    ! "
$ !  
#  ! "
.BB;
$BAF68FE
#
%
&









 






.BB;
$BAF68FE
#
'







 
 



.BB;
$BAF68FE
$

 






 

$,-'.1)55000&8


 : 

:



Similar Part No. - 57-50S

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57-50S DDK-57-50S Datasheet
2Mb / 8P
   Ribbon Connector
More results

Similar Description - 57-50S

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57FE DDK-57FE Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
logo
Adam Technologies, Inc.
MR36-PA-2 ADAM-TECH-MR36-PA-2 Datasheet
127Kb / 1P
   MINIATURE RIBBON SOLDER TERMINALS
logo
3M Electronics
10126-3000-PE 3M-10126-3000-PE Datasheet
1,013Kb / 5P
   3M??Mini D Ribbon (MDR) Connectors .050" Solder Plug Connector - Shielded
logo
Dubilier
DBCSDMSB09S DUBILIER-DBCSDMSB09S Datasheet
128Kb / 1P
   D TYPE CONNECTORS LOW COST D TYPE CONNECTORS - SOLDER BUCKET
logo
List of Unclassifed Man...
F09P15 ETC2-F09P15 Datasheet
220Kb / 5P
   IDC Ribbon Connectors Flachbandkabelsteckverbinder
logo
Hirose Electric
QF1-50P-2.54RB HIROSE-QF1-50P-2.54RB Datasheet
1Mb / 7P
   QF1 RIBBON CABLE CONNECTORS
RC10-36R3-LW HIROSE-RC10-36R3-LW Datasheet
510Kb / 12P
   RC SERIES RIBBON CONNECTORS
logo
DDK Ltd.
57LE DDK-57LE Datasheet
1Mb / 8P
   Right Angle Solder Dip Connectors EMI/RFI Shielding Version
logo
Advantech Co., Ltd.
SOM-5991 ADVANTECH-SOM-5991_17 Datasheet
799Kb / 2P
   Basic Module Type 6
logo
3M Electronics
101 3M-101 Datasheet
265Kb / 3P
   3M™ Mini D Ribbon (MDR) Connectors .050″ Solder Plug Connector - Shielded
May 25, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com