Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH615A-3 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part No. SFH615A-3
Description  LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

SFH615A-3 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  SFH615A-3 Datasheet HTML 1Page - ISOCOM COMPONENTS SFH615A-3 Datasheet HTML 2Page - ISOCOM COMPONENTS SFH615A-3 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
7/12/00
PARAMETER
MIN
TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.65
V
I
F = 50mA
Reverse Voltage (V
R)
6
V
I
R = 10µA
Reverse Current (I
R)
10
µA
V
R = 6V
Output
Collector-emitter Breakdown (BV
CEO)
70
V
I
C = 1mA
( Note 2 )
Emitter-collector Breakdown (BV
ECO)
6
V
I
E = 100µA
Collector-emitter Dark Current (I
CEO)
SFH615A-1,2
50
nA
V
CE = 10V
SFH615A-3,4
100
nA
Coupled
Current Transfer Ratio (CTR) (Note 2)
SFH615A-1
40
80
%
10mA I
F , 5V VCE
SFH615A-2
63
125
%
SFH615A-3
100
200
%
SFH615A-4
160
320
%
SFH615A-1
13
%
1mA I
F , 5V VCE
SFH615A-2
22
%
SFH615A-3
34
%
SFH615A-4
56
%
Collector-emitter Saturation Voltage V
CESAT
0.4
V
10mA I
F , 2.5mA IC
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 1
7500
V
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
V
IO = 500V (note 1)
ELECTRICAL CHARACTERISTICS ( T
A = 25°C Unless otherwise noted )
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
SWITCHING CHARACTERISTICS
1.
Linear Operation (without saturation) Fig 1.
I
F = 10mA, VCC = 5V, RL = 75Ω
t
on
t
r
t
off
t
f
F
CO
UNITS
2.
Switching Operation (with saturation) Fig 2
V
CC = 5V, RL = 1kΩ
4.2
3.0
23
14
6.0
4.6
25
15
µs
µs
µs
µs
V
UNITS
< 0.4
GROUP
V
CC = 5.0V
V
CC = 5.0V
R
L = 75Ω
R
L = 1kΩ
OUTPUT
OUTPUT
FIG 2
FIG 1
t
on
t
off
10%
90%
90%
Turn-on Time
Rise Time
Turn-off Time
Fall Time
Cut-off Frequency
µs
µs
µs
µs
kHz
Turn-on Time
Rise Time
Turn-off Time
Fall Time
t
on
t
r
t
off
t
f
V
CESAT
-2 and -3
(I
F=10mA)
- 4
(I
F=5mA)
t
r
t
f
INPUT
OUTPUT
10%
-1
(I
F=20mA)
3.0
2.0
18
11
3.0
2.0
2.3
2.0
250
DB92538m-AAS/A1


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn