Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH600-3 Datasheet(PDF) 3 Page - ISOCOM COMPONENTS

Part No. SFH600-3
Description  OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISOCOM [ISOCOM COMPONENTS]
Homepage  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

SFH600-3 Datasheet(HTML) 3 Page - ISOCOM COMPONENTS

  SFH600-3 Datasheet HTML 1Page - ISOCOM COMPONENTS SFH600-3 Datasheet HTML 2Page - ISOCOM COMPONENTS SFH600-3 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DB92190m-AAS/A3
7/3/03
50
Ambient temperature T
A ( °C )
150
0
200
Ambient temperature T
A ( °C )
60
30
20
10
0
40
50
-30
0
25
50
75
100
125
Collector Power Dissipation vs. Ambient Temperature
Forward Current vs. Ambient Temperature
-30
0
25
50
75
100
100
0
0.5
1.0
1.5
I
F = 10mA
V
CE = 5V
0
80
120
160
200
240
40
280
320
Forward current I
F (mA)
Current Transfer Ratio vs. Forward Current
Relative Current Transfer Ratio
vs. Ambient Temperature
V
CE = 5V
T
A = 25°C
70
80
1
2
5
10
20
50
Collector Current vs. Collector-emitter Voltage
( normalised to SFH601-3 )
Collector-emitter voltage V
CE ( V )
0
2
4
6
8
10
0
10
20
30
40
50
T
A = 25°C
10
15
20
30
50
-30
0
25
50
75
100
125
SFH601-3
SFH601-4
SFH601-2
SFH601-1
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
Collector-emitter Saturation
Voltage vs. Ambient Temperature
0
0.04
0.08
0.12
0.16
0.20
0.24
0.28
I
F = 10mA
I
C = 2.5mA
Ambient temperature T
A ( °C )
I
F = 5mA
SFH601-5


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn