Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH600-3 Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part No. SFH600-3
Description  OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISOCOM [ISOCOM COMPONENTS]
Homepage  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

SFH600-3 Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  SFH600-3 Datasheet HTML 1Page - ISOCOM COMPONENTS SFH600-3 Datasheet HTML 2Page - ISOCOM COMPONENTS SFH600-3 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISOCOM COMPONENTS LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1YD
Tel: (01429) 863609 Fax :(01429) 863581
7/3/03
DB92190m-AAS/A3
OPTION G
7.62
0.26
0.5
Dimensions in mm
SURFACE MOUNT
OPTION SM
10.16
7.0
6.0
1.2
7.62
3.0
13°
Max
3.35
4.0
3.0
2.54
0.26
7.62
6.62
0.5
APPROVALS
l
UL recognised, File No. E91231
'X'SPECIFICATIONAPPROVALS
l
l
VDE 0884 in 3 available lead forms : -
- STD
- G form
- SMD approved to CECC 00802
ExcludesSFH609-4,-5
l
Certified to EN60950 by the following
Test Bodies :-
Nemko - Certificate No. P01102465
Fimko - Certificate No. FI18162
Semko - Reference No. 0202041/01-25
Demko - Certificate No. 311161-01
ExcludesSFH600-0,601-2,609-4,-5
l
BSI approved - Certificate No. 8001
Excludes
SFH609-4,-5
DESCRIPTION
The SFH600-, SFH601-, SFH609-_ series of
optically coupled isolators consist of an infrared
light emitting diode and a NPN silicon photo
transistor in a standard 6 pin dual in line plastic
package.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High BV
CEO (70V, 90V, 100V min)
l
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
l
All electrical parameters 100% tested
l
Custom electrical selections available
APPLICATIONS
l
DC motor controllers
l
Industrial systems controllers
l
Measuring instruments
l
Signal transmission between systems of
different potentials and impedances
OPTICALLY COUPLED
ISOLATOR
PHOTOTRANSISTOR OUTPUT
1
3
4
6
2
5
SFH600-0, SFH600-1, SFH600-2, SFH600-3, SFH600-4
SFH601-1, SFH601-2, SFH601-3, SFH601-4, SFH601-5
SFH609-1, SFH609-2, SFH609-3, SFH609-4, SFH609-5
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 150°C
Operating Temperature
-55°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Forward Current
60mA
Reverse Voltage
6V
Power Dissipation
105mW
OUTPUT TRANSISTOR
Collector-emitter Voltage BV
CEO
SFH600-0,1,2,3,4
70V
SFH601-1,2,3,4,5
100V
SFH609-1,2,3,4,5
90V
Collector-base Voltage BV
CBO
SFH600-0,1,2,3,4
70V
SFH601-1,2,3,4,5
100V
SFH609-1,2,3,4,5
90V
Emitter-collector Voltage BV
ECO
6V
Power Dissipation
160mW
POWER DISSIPATION
Total Power Dissipation
200mW
(derate linearly 2.67mW/°C above 25°C)
10.46
9.86
0.6
0.1
1.25
0.75


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn