Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKZ20DKU Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RKZ20DKU
Description  Silicon Planar Zener Diode for Stabilized Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKZ20DKU Datasheet(HTML) 6 Page - Renesas Technology Corp

  RKZ20DKU Datasheet HTML 1Page - Renesas Technology Corp RKZ20DKU Datasheet HTML 2Page - Renesas Technology Corp RKZ20DKU Datasheet HTML 3Page - Renesas Technology Corp RKZ20DKU Datasheet HTML 4Page - Renesas Technology Corp RKZ20DKU Datasheet HTML 5Page - Renesas Technology Corp RKZ20DKU Datasheet HTML 6Page - Renesas Technology Corp RKZ20DKU Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RKZ-KU Series
Preliminary
REJ03G1771-0100 Rev.1.00 Jul 13, 2009
Page 6 of 6
Package Dimensions
A
b
D
E
0.60
1.90
2.50
0.55
Dimension in Millimeters
Reference
Symbol
Min
Nom
Max
1.30
0.004g
MASS[Typ.]
TURP-FM
RENESAS Code
JEITA Package Code
Previous Code
Package Name
TURP-FM
0.60
0.65
0.55
1.20
2.00
1.80
2.60
2.40
L
0.30
0.25
0.35
b1
l1
A
HE
b
D
E
HE
L
L
0.65
1.40
PUSF0002ZD-A
b1
l1
e1
Pattern of terminal position areas
0.90
-
2.30
-
e1
-
-
0.80
--


Similar Part No. - RKZ20DKU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ20-1KD RENESAS-RKZ20-1KD Datasheet
100Kb / 8P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ20-2KD RENESAS-RKZ20-2KD Datasheet
100Kb / 8P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ20-3KD RENESAS-RKZ20-3KD Datasheet
100Kb / 8P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ20B2KJ RENESAS-RKZ20B2KJ Datasheet
66Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ20BKV RENESAS-RKZ20BKV Datasheet
216Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
More results

Similar Description - RKZ20DKU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
SeCoS Halbleitertechnol...
HZ2A1 SECOS-HZ2A1 Datasheet
751Kb / 5P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ2 RENESAS-HZ2 Datasheet
83Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KD RENESAS-RKZ-KD Datasheet
100Kb / 8P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KU RENESAS-RKZ-KU Datasheet
216Kb / 9P
   Silicon Planar Zener Diode for Stabilized Power Supply
Jul 13, 2009
HZH RENESAS-HZH Datasheet
68Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZ11B1 HITACHI-HZ11B1 Datasheet
45Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZS RENESAS-HZS Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZS HITACHI-HZS Datasheet
39Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ12C1 RENESAS-HZ12C1 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com