Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKZ16CKU Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RKZ16CKU
Description  Silicon Planar Zener Diode for Stabilized Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKZ16CKU Datasheet(HTML) 1 Page - Renesas Technology Corp

  RKZ16CKU Datasheet HTML 1Page - Renesas Technology Corp RKZ16CKU Datasheet HTML 2Page - Renesas Technology Corp RKZ16CKU Datasheet HTML 3Page - Renesas Technology Corp RKZ16CKU Datasheet HTML 4Page - Renesas Technology Corp RKZ16CKU Datasheet HTML 5Page - Renesas Technology Corp RKZ16CKU Datasheet HTML 6Page - Renesas Technology Corp RKZ16CKU Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REJ03G1771-0100 Rev.1.00 Jul 13, 2009
Page 1 of 6
Preliminary
RKZ-KU Series
Silicon Planar Zener Diode for Stabilized Power Supply
REJ03G1771-0100
Rev.1.00
Jul 13, 2009
Features
• Small outline yet high-power permitting 500 mW power dissipation.
• Halogen free, Environmental friendly Package includes Conformity to RoHS Directive.
• Thin Ultra small Resin Package (TURP-FM) is suitable for high density surface mounting and high speed assembly.
Ordering Information
Part No.
Laser Mark
Package Name
Package Code
Taping Abbreviation
(Quantity)
RKZ-KU Series P
RKZ-KU Series R
Let to Mark Code
TURP-FM
PUSF0002ZD-A
P (4,000 pcs / reel)
R (8,000 pcs / reel)
Pin Arrangement
Cathode mark
Mark
1. Cathode
2. Anode
12
6B8
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Power dissipation
Pd
500
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. Device mounted on glass-epoxy board (50
× 50 mm, t = 1.6 mm)
2. Solder land (10
× 10 mm)
50h
× 50w × 1.6t (mm)
1.0
10


Similar Part No. - RKZ16CKU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ16-1KD RENESAS-RKZ16-1KD Datasheet
100Kb / 8P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ16-2KD RENESAS-RKZ16-2KD Datasheet
100Kb / 8P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ16-3KD RENESAS-RKZ16-3KD Datasheet
100Kb / 8P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ16B2KJ RENESAS-RKZ16B2KJ Datasheet
66Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ16BKV RENESAS-RKZ16BKV Datasheet
216Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
More results

Similar Description - RKZ16CKU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
SeCoS Halbleitertechnol...
HZ2A1 SECOS-HZ2A1 Datasheet
751Kb / 5P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ2 RENESAS-HZ2 Datasheet
83Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KD RENESAS-RKZ-KD Datasheet
100Kb / 8P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KU RENESAS-RKZ-KU Datasheet
216Kb / 9P
   Silicon Planar Zener Diode for Stabilized Power Supply
Jul 13, 2009
HZH RENESAS-HZH Datasheet
68Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZ11B1 HITACHI-HZ11B1 Datasheet
45Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZS RENESAS-HZS Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZS HITACHI-HZS Datasheet
39Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ12C1 RENESAS-HZ12C1 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com