Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3830- Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC3830-
Description  5-Bit Microprocessor Power Supply Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3830- Datasheet(HTML) 3 Page - Texas Instruments

  UCC3830- Datasheet HTML 1Page - Texas Instruments UCC3830- Datasheet HTML 2Page - Texas Instruments UCC3830- Datasheet HTML 3Page - Texas Instruments UCC3830- Datasheet HTML 4Page - Texas Instruments UCC3830- Datasheet HTML 5Page - Texas Instruments UCC3830- Datasheet HTML 6Page - Texas Instruments UCC3830- Datasheet HTML 7Page - Texas Instruments UCC3830- Datasheet HTML 8Page - Texas Instruments UCC3830- Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
UCC3830-4/-5/-6
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, VIN = 12V, VSENSE = 3.5V, VD0 = VD1 = VD2 = VD3 =
VD4 = 0V, 0°C < TA < 70°C, TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OV Comparator
Trip Point
% Over COMMAND Voltage (Note 1), D0 = D1 = D2 = D4
= Open, D3 = GND
5
8.5
12
%
Hysteresis
20
30
mV
PWRGOOD Equivalent Resistance VSENSE = 2.0V
470
UV Comparator
Trip Point
% Over COMMAND Voltage (Note 1), D0 = D1 = D2 = D4
= Open, D3 = GND
–12
–8.5
–5
%
Hysteresis
20
30
mV
Voltage Error Amplifier
Input Bias Current
VCM = 3.0V
–0.5
–0.02
0.5
µA
Open Loop Gain
1.5V < VCOMP < 2.5V, D4 = D3 = D2 = D1 = GND, D0 =
Open
80
dB
Power Supply Rejection Ratio
10.8V < VIN < 15V
85
dB
Output Sourcing Current
VVFB = 2V, VCOMMAND = VCOMP = 2.5V
–0.5
–0.3
mA
Output Sinking Current
VVFB = 3V, VCOMMAND = VCOMP = 2.5V
0.5
1
mA
Current Sense Amplifier
Gain
14.25
15.25
V/V
Input Resistance
3k
Common Mode Rejection Ratio
0V < VCM < 4.5V
60
dB
Power Supply Rejection Ratio
10.8V < VIN < 15V
80
dB
Output Sourcing Current
VIS– = 2V, VISOUT = VIS+ = 2.5V
–0.5
–0.3
mA
Output Sinking Current
VIS– = 3V, VISOUT = VIS+ = 2.5V
5
8
mA
Current Amplifier
Input Offset Voltage
VCM = 3.0V
–12
12
mV
Input Bias Current
VCM = 3.0V
–0.1
µA
Open Loop Gain
1V < VCAO/ENBL < 2.5V
80
dB
Output Voltage High
VCOMP = 3V, VCAM = 2.5V
3.2
V
Power Supply Rejection Ratio
10.8V < VIN < 15V
80
dB
Output Sourcing Current
VCAM = 2V, VCAO/ENBL = VCOMP = 2.5V
–1
–0.5
mA
Output Sinking Current
VCAM = 3V, VCAO/ENBL = VCOMP = 2.5V
3
5
mA
Oscillator
Frequency (-4)
85
100
115
kHz
Frequency (-5)
170
200
230
kHz
Frequency (-6)
340
400
460
kHz
Frequency Change With Voltage
10.8V < VIN < 15V
1
%
Output Section
Maximum Duty Cycle
90
95
99
%
Output Low Voltage
IGATE = –100mA
0.2
V
Output High Voltage
IGATE = 100mA
11.8
V
Rise Time
CGATE = 3.3nF
20
70
ns
Fall Time
CGATE = 3.3nF
15
70
ns
Foldback Current Limit
Clamp Level
Measured at Voltage EA Output;
VSENSE = VCOMMAND = 3V
4.28
V
VCOMMAND = 3V, VSENSE = 0
3.64
V
Note 1: This percentage is measured with respect to the ideal COMMAND voltage programmed by the D0 - D4 pins.


Similar Part No. - UCC3830-

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC383 TI1-UCC383 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC383-3 TI-UCC383-3 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC383-3 TI-UCC383-3 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC383-3 TI1-UCC383-3 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC383-3 TI1-UCC383-3 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
More results

Similar Description - UCC3830-

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
   5-Bit Programmable Dual Power Supply Controller
REV. 0
logo
Texas Instruments
UCC3588 TI1-UCC3588_10 Datasheet
266Kb / 15P
[Old version datasheet]   5-BIT PROGRAMMABLE OUTPUT BICMOS POWER SUPPLY CONTROLLER
UCC3588 TI-UCC3588 Datasheet
180Kb / 11P
[Old version datasheet]   5-Bit Programmable Output BiCMOS Power Supply Controller
logo
Analog Devices
ADP3155 AD-ADP3155_15 Datasheet
207Kb / 14P
   5-Bit Programmable Triple Power Supply Controller for Pentium
REV. A
logo
STMicroelectronics
L6911B STMICROELECTRONICS-L6911B Datasheet
50Kb / 7P
   5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
   Microprocessor Power Supply System
logo
Analog Devices
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
   5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV. 0
ADP3154 AD-ADP3154 Datasheet
187Kb / 12P
   5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
REV. A
ADP3155 AD-ADP3155 Datasheet
200Kb / 14P
   5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
logo
Sanyo Semicon Device
LA5616 SANYO-LA5616 Datasheet
92Kb / 5P
   Microprocessor-Controlled Audio Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com