Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC28
Description  Low Dropout 0.5A Negative Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28 Datasheet(HTML) 4 Page - Texas Instruments

  UCC28 Datasheet HTML 1Page - Texas Instruments UCC28 Datasheet HTML 2Page - Texas Instruments UCC28 Datasheet HTML 3Page - Texas Instruments UCC28 Datasheet HTML 4Page - Texas Instruments UCC28 Datasheet HTML 5Page - Texas Instruments UCC28 Datasheet HTML 6Page - Texas Instruments UCC28 Datasheet HTML 7Page - Texas Instruments UCC28 Datasheet HTML 8Page - Texas Instruments UCC28 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
UCC284-5/-12/-ADJ
UCC384-5/-12/-ADJ
GND: This is the low noise ground reference input. All
voltages are measured with respect to the GND pin.
SD/CT: This is the shutdown pin and also the short cir-
cuit timing pin. Pulling this pin more positive than –0.6V
will put the circuit in a low current shutdown mode.
Placing a timing capacitor between this pin and GND will
set the short circuit charging time, TON during an
overcurrent condition. During an overcurrent condition,
the output will be pulsed at approximately a 2.5% duty
cycle.
Note: The CT capacitor must be connected between this pin
and GND, not VIN, to assure that the SD/CT pin is not pulled
significantly negative during power-up. This pin should not be
externally driven more negative than –5V or the device will be
damaged.
VIN: This is the negative input supply. Bypass this pin to
GND with at least 1
µF of low ESR, ESL capacitance.
VOUT: Regulated negative output voltage. A single
4.7
µF capacitor should be connected between this pin
and GND. Smaller value capacitors can be used for light
loads, but this will degrade the load step performance of
the regulator.
VOUTS: This is the feedback pin for sensing the output
of the regulator. For the UCC384-5 and UCC384-12 ver-
sions, VOUTS can be connected directly to VOUT. If the
load is placed at a considerable distance from the regu-
lator, the VOUTS lead can be used as a Kelvin connec-
tion
to
minimize
errors
due
to
lead
resistance.
Connecting VOUTS at the load will move the resistance
of the VOUT wire into the control loop of the regulator,
thereby effectively canceling the IR drop associated with
the load path.
When using a UCC384-ADJ, the output voltage can be
programmed by placing a resistor divider across the out-
put to GND. VOUTS is connected to the center tap of the
divider providing the feedback for the regulator. This con-
figuration is shown in Fig. 1.
PIN DESCRIPTIONS
Overview
The UCC384 family of NEGATIVE low dropout linear
(LDO) regulators provides a regulated output voltage for
applications with up to 0.5A of load current. The regula-
tors feature a low dropout voltage and short circuit pro-
tection,
making
their
use
ideal
for
demanding
applications requiring fault protection.
Programming the output voltage on the UCC384
The UCC384-5 and UCC384-12 have fixed output volt-
ages of –5V and –12V respectively. Connecting VOUTS
to VOUT will give the proper output voltage with respect
to ground.
The UCC384-ADJ can be programmed for any output
voltage between –1.25V and –15V. This is easily accom-
plished with the addition of an external resistor divider
connected between GND and VOUT with VOUTS con-
nected to the center tap of the divider. For an output of
–1.25V, no resistors are needed and VOUTS is con-
nected directly to VOUT. The regulator input voltage can-
not be more positive than the UVLO threshold, or
approximately –3V. Thus, low drop out cannot be
achieved when programming the output voltage more
positive than approximately –3.3V. A typical Application
circuit is shown in Fig. 1.
For the UCC384-ADJ, the output voltage is programmed
by the following equation:
VOUT
R
R
=−
• +
125
1
1
2
.
(1)
When R1 or R2 are selected to be greater than about
100k
Ω, a small ceramic capacitor should be placed
across R1 to cancel the input pole created by R1 and the
parasitic capacitance appearing on VOUTS. Values of
approximately 20pF should be adequate.
APPLICATION INFORMATION
5
4
1
3
2
R1
R2
VOUT
VOUTS
GND
6
7
VIN
VIN
VIN
VIN
CIN
VIN
8
CT
SD/CT
COUT
VOUT
+
+
(+)
(–)
(+)
(–)
C1
UCC384-ADJ
1
µF
4.7
µF
0.015
µF
Figure 1. Typical application schematic.
UDG-99029
Note 1: R1 and R2 for –ADJ version only. For –5 and –12
versions, connect VOUTS to VOUT.


Similar Part No. - UCC28

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28 TI-UCC28 Datasheet
102Kb / 10P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
UCC28 TI-UCC28 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC2800 TI-UCC2800 Datasheet
383Kb / 20P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2800 TI-UCC2800 Datasheet
368Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2800 TI-UCC2800 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results

Similar Description - UCC28

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1616A FAIRCHILD-FAN1616A Datasheet
61Kb / 8P
   0.5A Adjustable/Fixed Low Dropout Linear Regulator
RC1616 FAIRCHILD-RC1616 Datasheet
327Kb / 8P
   0.5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Texas Instruments
UCC284-EP TI-UCC284-EP_15 Datasheet
622Kb / 21P
[Old version datasheet]   LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
UCC284-5 TI-UCC284-5 Datasheet
292Kb / 10P
[Old version datasheet]   LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
UCC284-EP TI-UCC284-EP Datasheet
461Kb / 20P
[Old version datasheet]   LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
logo
Maxim Integrated Produc...
MAX1735 MAXIM-MAX1735 Datasheet
348Kb / 10P
   200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23
19-1783; Rev 0; 7/00
logo
Linear Technology
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
National Semiconductor ...
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com