Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH7137 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # SH7137
Description  SCI Clock Synchronous Simultaneous Transmit and Receive of Serial Data and DTC Data Transfer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7137 Datasheet(HTML) 2 Page - Renesas Technology Corp

  SH7137 Datasheet HTML 1Page - Renesas Technology Corp SH7137 Datasheet HTML 2Page - Renesas Technology Corp SH7137 Datasheet HTML 3Page - Renesas Technology Corp SH7137 Datasheet HTML 4Page - Renesas Technology Corp SH7137 Datasheet HTML 5Page - Renesas Technology Corp SH7137 Datasheet HTML 6Page - Renesas Technology Corp SH7137 Datasheet HTML 7Page - Renesas Technology Corp SH7137 Datasheet HTML 8Page - Renesas Technology Corp SH7137 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SH7136/SH7137 Group
SCI Clock Synchronous Simultaneous Transmit and
Receive of Serial Data and DTC Data Transfer
REJ06B0890-0100/Rev.1.00
July 2009
Page 2 of 22
1. Introduction
1.1
Specifications
This application note describes simultaneous clock synchronous transmit and receive of serial data by the serial
communication interface (SCI), using the data transfer functions of the data transfer controller (DTC). Figure 1 shows
the configuration.
• SCI channel 0 and the DTC are used.
• The SCI communication format is 8-bit fixed.
• The DTC is used to transfer the SCI transmit and receive data. The DTC uses two channels, one for SCI transmit
and one for SCI receive.
• The DTC is activated for transmit operation by an SCI transmit data empty interrupt request. The DTC is activated
for receive operation by an SCI receive data full interrupt request.
• The SCI transmit and receive data count is 32 bytes.
Figure 1 Example of Clock Synchronous Serial Data Transmit/Receive Using DTC
1.2
Module Used
• Data transfer controller (DTC)
• Serial communication interface (SCI) channel 0
1.3
Applicable Conditions
MCU:
SH7137
Operating frequencies: Internal clock (I
φ) = 80 MHz
Bus clock (B
φ) = 40 MHz
Peripheral clock (P
φ) = 40 MHz
MTU2 clock (MP
φ) = 40 MHz
MTU2S clock (MI
φ) = 80 MHz
C compiler:
Renesas Technology High-performance Embedded Workshop, Ver. 4.05.01.001, Renesas
Technology SuperH RISC engine Family C/C++ Compiler Package, Ver. 9.03, Release 00
Compile options:
High-performance Embedded Workshop default settings


Similar Part No. - SH7137

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7137 RENESAS-SH7137 Datasheet
6Mb / 1160P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7137 RENESAS-SH7137_09 Datasheet
177Kb / 24P
   Output of Complementary Pairs of PWM Signals in Three Phases
More results

Similar Description - SH7137

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
   Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
logo
Integral Corp.
ILX207DW INTEGRAL-ILX207DW Datasheet
202Kb / 8P
   Interface IC of data serial transfer with one supply voltage
ILX208DW INTEGRAL-ILX208DW Datasheet
201Kb / 8P
   Interface IC of data serial transfer with one supply voltage
logo
Agere Systems
LG1600FXH AGERE-LG1600FXH Datasheet
492Kb / 20P
   LG1600FXH Clock and Data Regenerator
logo
Hitachi Semiconductor
HD6852 HITACHI-HD6852 Datasheet
72Kb / 1P
   Synchronous Serial Data Adapter
logo
Agere Systems
LG1600KXH AGERE-LG1600KXH Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
logo
Silicon Laboratories
BRD4502B SILABS-BRD4502B Datasheet
1Mb / 16P
   Single antenna connector both for transmit and receive
logo
Micrel Semiconductor
SY69754AL MICREL-SY69754AL Datasheet
500Kb / 14P
   3.3V, 622Mbps Clock and Data Recovery
SY69754AL MICREL-SY69754AL_07 Datasheet
492Kb / 14P
   3.3V, 622Mbps Clock and Data Recovery
logo
National Semiconductor ...
DS25BR204 NSC-DS25BR204_08 Datasheet
353Kb / 16P
   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com