Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH7264 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # SH7264
Description  High-speed Read/Write Serial Flash Memory
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7264 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button SH7264 Datasheet HTML 4Page - Renesas Technology Corp SH7264 Datasheet HTML 5Page - Renesas Technology Corp SH7264 Datasheet HTML 6Page - Renesas Technology Corp SH7264 Datasheet HTML 7Page - Renesas Technology Corp SH7264 Datasheet HTML 8Page - Renesas Technology Corp SH7264 Datasheet HTML 9Page - Renesas Technology Corp SH7264 Datasheet HTML 10Page - Renesas Technology Corp SH7264 Datasheet HTML 11Page - Renesas Technology Corp SH7264 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
SH7262/SH7264 Group
High-speed Read/Write Serial Flash Memory
Using the Renesas Serial Peripheral Interface
REJ06B0889-0100/Rev.1.00
June 2009
Page 8 of 45
This section describes the MISO transfer.
As the master latches data in the MISO transfer, set CPOL and CPHA bits so that the master latches data one cycle after the
slave outputs data. As the serial flash memory used in this application outputs data on the falling edge, the SH7264 must
latches data on the preceding edge (falling edge). (CPOL =1, CPHA = 0) setting is already used in the MOSI transfer,
however, change the setting to (CPOL 0, CPHA = 1) for the following reason.
Figure 5 shows the timing without changing the settings of CPOL and CPHA bits. As the master latches data when the slave
outputs data on the falling edge of the RSPCK falling edge, this setting does not satisfy the timing condition.
Figure 6 shows the timing for (CPOL = 0, CPHA = 1). As the RSPCK falls when changing the RSPI setting, the slave
outputs data at the same timing. Then, the master latches data one cycle after the falling edge of the RSPCK. This setting
satisfies the timing condition.
SSL00
MOSI0
RSPCK0
MISO0
Slave outputs the
first data bit
Slave outputs the
second data bit
Master outputs
the last data bit
2
1
RSPCK
frequency
The timing when the master
latches the first data bit
Serial flash memory outputs data on falling edge, just
after commands are input.
Figure 5 Interface Timing on MISO Transfer (CPOL and CPHA bits are not changed)


Similar Part No. - SH7264

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7261 RENESAS-SH7261 Datasheet
7Mb / 1348P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
SH7263 RENESAS-SH7263 Datasheet
9Mb / 1862P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
SH7265 RENESAS-SH7265 Datasheet
11Mb / 2024P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
SH7268 RENESAS-SH7268 Datasheet
367Kb / 26P
   Transmission/Reception of Renesas SPDIF Interface
SH7269 RENESAS-SH7269 Datasheet
367Kb / 26P
   Transmission/Reception of Renesas SPDIF Interface
More results

Similar Description - SH7264

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
ATMEL Corporation
AT25F512A ATMEL-AT25F512A_06 Datasheet
622Kb / 19P
   512Kbit High Speed SPI Serial Flash Memory
AT25F4096 ATMEL-AT25F4096_06 Datasheet
354Kb / 19P
   4Mbit High Speed SPI Serial Flash Memory
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
ATMEL Corporation
AT89C51CC03 ATMEL-AT89C51CC03_14 Datasheet
327Kb / 7P
   Read/Write Flash and EEPROM Memories
T89C51CC01 ATMEL-T89C51CC01_14 Datasheet
346Kb / 32P
   Read/Write Flash and EEPROM Memories
logo
Sanyo Semicon Device
LE25FW418A SANYO-LE25FW418A Datasheet
324Kb / 27P
   4M-bit (512K횞8) Serial Flash Memory with High-Density Read Mode
LE25FW808 SANYO-LE25FW808 Datasheet
150Kb / 27P
   8M-bit (1024K횞8) Serial Flash Memory with High-Density Read Mode
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com