Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH7137 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # SH7137
Description  Output of Complementary Pairs of PWM Signals in Three Phases
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7137 Datasheet(HTML) 4 Page - Renesas Technology Corp

  SH7137_09 Datasheet HTML 1Page - Renesas Technology Corp SH7137_09 Datasheet HTML 2Page - Renesas Technology Corp SH7137_09 Datasheet HTML 3Page - Renesas Technology Corp SH7137_09 Datasheet HTML 4Page - Renesas Technology Corp SH7137_09 Datasheet HTML 5Page - Renesas Technology Corp SH7137_09 Datasheet HTML 6Page - Renesas Technology Corp SH7137_09 Datasheet HTML 7Page - Renesas Technology Corp SH7137_09 Datasheet HTML 8Page - Renesas Technology Corp SH7137_09 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
SH7280 Group
MTU2: Output of Complementary Pairs of PWM Signals in Three Phases
(Complementary PWM Mode)
REJ06B0887-0100/Rev.1.00
June 2009
Page 4 of 24
A/D conversion start signals
Channels 0 to 4: TRGAN
Channel 0:
TRG0N
Channel 4:
TRG4AN
TRG4BN
Input/output pins
Channel 3: TIOC3A
TIOC3B
TIOC3C
TIOC3D
Channel 4: TIOC4A
TIOC4B
TIOC4C
TIOC4D
Input pins
Channel 5: TIC5U
TIC5V
TIC5W
Interrupt request signals
Channel 3: TGIA_3
TGIB_3
TGIC_3
TGID_3
TCIV_3
Channel 4: TGIA_4
TGIB_4
TGIC_4
TGID_4
TCIV_4
Channel 5: TGIU_5
TGIV_5
TGIW_5
Clock input
Internal clock:
MP
φ/1
MP
φ/4
MP
φ/16
MP
φ/64
MP
φ/256
MP
φ/1024
External clock: TCLKA
TCLKB
TCLKC
TCLKD
Interrupt request signals
Channel 0: TGIA_0
TGIB_0
TGIC_0
TGID_0
TGIE_0
TGIF_0
TCIV_0
Channel 1: TGIA_1
TGIB_1
TCIV_1
TCIU_1
Channel 2: TGIA_2
TGIB_2
TCIV_2
TCIU_2
Input/output pins
Channel 0: TIOC0A
TIOC0B
TIOC0C
TIOC0D
Channel 1: TIOC1A
TIOC1B
Channel 2: TIOC2A
TIOC2B
Internal data bus
[Legend]
TSTR: Timer start register
TSYR: Timer synchronous register
TCR:
Timer control register
TMDR: Timer mode register
TIOR:
Timer I/O control register
TIORH: Timer I/O control register H
TIORL: Timer I/O control register L
TIER:
Timer interrupt enable register
TGCR: Timer gate control register
TOER: Timer output master enable register
TOCR: Timer output control register
TSR:
Timer status register
TCNT: Timer counter
TCNTS:Timer subcounter
TCDR: Timer cycle data register
TCBR: Timer cycle buffer register
TDDR: Timer dead time data register
TGRA: Timer general register A
TGRB: Timer general register B
TGRC: Timer general register C
TGRD: Timer general register D
TGRE: Timer general register E
TGRF: Timer general register F
TGRU: Timer general register U
TGRV: Timer general register V
TGRW: Timer general register W
Figure 2 Block Diagram of MTU2


Similar Part No. - SH7137_09

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7137 RENESAS-SH7137 Datasheet
6Mb / 1160P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7137 RENESAS-SH7137 Datasheet
813Kb / 22P
   SCI Clock Synchronous Simultaneous Transmit and Receive of Serial Data and DTC Data Transfer
More results

Similar Description - SH7137_09

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7211 RENESAS-SH7211_09 Datasheet
624Kb / 26P
   MTU2 Three-Phase Complementary PWM Output Function
ISL95825 RENESAS-ISL95825 Datasheet
194Kb / 2P
   Three Phases PWM Controller for VR12.5/VR12.6 CPUs
logo
Vishay Siliconix
TCZT8020 VISHAY-TCZT8020_11 Datasheet
246Kb / 11P
   Matched Pairs of Emitters and Detectors
Rev. 1.7, 15-Mar-11
logo
List of Unclassifed Man...
H.261 ETC1-H.261 Datasheet
123Kb / 31P
   LINE TRANSMISSION OF NON-TELEPHONE SIGNALS
logo
Vishay Siliconix
TCZT8020 VISHAY-TCZT8020_06 Datasheet
103Kb / 7P
   Matched Pairs of Emitters and Detectors
Rev. 1.4, 04-Sep-06
logo
Texas Instruments
THS1009 TI1-THS1009_14 Datasheet
310Kb / 31P
[Old version datasheet]   Simultaneous Sampling of Two Single-Ended Signals or One Differential Signals or Combination of Both
logo
PREMA Semiconductor.
PR5401 PREMA-PR5401 Datasheet
601Kb / 6P
   Two differential pairs of photodiodes with amplifiers
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
   Output Current in Excess of 1A
logo
IK Semicon Co., Ltd
IL317L IKSEMICON-IL317L_16 Datasheet
1Mb / 17P
   Output Current in Excess of 100mA
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
   Output current in excess of 1A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com