Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK6052DPP-M0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK6052DPP-M0
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK6052DPP-M0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK6052DPP-M0 Datasheet HTML 1Page - Renesas Technology Corp RJK6052DPP-M0 Datasheet HTML 2Page - Renesas Technology Corp RJK6052DPP-M0 Datasheet HTML 3Page - Renesas Technology Corp RJK6052DPP-M0 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REJ03G1799-0100 Rev.1.00 Jul 02, 2009
Page 1 of 3
Preliminary
RJK6052DPP-M0
Silicon N Channel MOS FET
High Speed Power Switching
REJ03G1799-0100
Rev.1.00
Jul 02, 2009
Features
• Low on-resistance
• Low leakage current
• High speed switching
Outline
RENESAS Package code: PRSS0003AF-A)
(Package name: TO-220FL)
1
2
3
D
S
G
1. Gate
2. Drain
3. Source
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
600
V
Gate to source voltage
VGSS
±30
V
Drain current
ID
Note4
10
A
Drain peak current
ID (pulse)
Note1
20
A
Body-drain diode reverse drain current
IDR
10
A
Body-drain diode reverse drain peak current
IDR (pulse)
Note1
20
A
Avalanche current
IAP
Note3
3
A
Avalanche energy
EAR
Note3
0.49
mJ
Channel dissipation
Pch
Note2
30
W
Channel to case thermal impedance
θch-c
4.17
°C/W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tc = 25
°C
3. STch = 25
°C, Tch ≤ 150°C
4. Limited by maximum safe operation area


Similar Part No. - RJK6052DPP-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6053DPP-M0 RENESAS-RJK6053DPP-M0 Datasheet
88Kb / 4P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6054DPP-M0 RENESAS-RJK6054DPP-M0 Datasheet
88Kb / 4P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJK6052DPP-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com